Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 16Page - Micrel Semiconductor MICRF405 Datasheet HTML 17Page - Micrel Semiconductor MICRF405 Datasheet HTML 18Page - Micrel Semiconductor MICRF405 Datasheet HTML 19Page - Micrel Semiconductor MICRF405 Datasheet HTML 20Page - Micrel Semiconductor MICRF405 Datasheet HTML 21Page - Micrel Semiconductor MICRF405 Datasheet HTML 22Page - Micrel Semiconductor MICRF405 Datasheet HTML 23Page - Micrel Semiconductor MICRF405 Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Micrel
MICRF405
April 2006
20
M9999-041906
(408) 955-1690
The frequency synthesizer consists of a voltage-
controlled
oscillator
(VCO),
crystal
oscillator,
prescaler, programmable frequency dividers, phase-
detector and charge pumps. Two different types of
prescalers are integrated, a pulse swallow and a
phase select prescaler. The recommended prescaler
is the phase select prescaler (Prescaler_Sel=0,
which is default). There is both a configurable on-
chip loop filter and an external loop filter. The
lengths of the N and M and A registers are 12, 12
and 6 bits respectively. The M, N and A values can
be calculated from the formula:
Phase select prescaler (Prescaler_Sel=0):
)
31
(
A
N
k
M
f
f
XCO
RF
+
⋅
=
Pulse swallow prescaler (Prescaler_Sel=1):
)
2
32
(
A
N
k
M
f
f
XCO
RF
+
⋅
=
,
where:
fXCO: Crystal oscillator frequency
fRF: RF frequency
0 < A ≤ N
k: 6: RF frequency 290-325 MHz,
Freq_Band[1:0]=0
4: RF frequency 430-490 MHz,
Freq_Band[1:0]=1
2: RF frequency 860-980 MHz,
Freq_Band[1:0]=2-3
There are two sets of each of the divide factors (i.e.
A0 and A1). If modulation by using the dividers is
selected Modulation1=1, Modulation0=0), the two
sets should be programmed to give two RF
frequencies, separated by two times the specified
single sided frequency deviation. For all other
modulation methods, the 0-set will be used. The
value of A is constrained to be less or equal to N,
0<=A<=N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com