Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 38 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 38 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 34Page - Micrel Semiconductor MICRF405 Datasheet HTML 35Page - Micrel Semiconductor MICRF405 Datasheet HTML 36Page - Micrel Semiconductor MICRF405 Datasheet HTML 37Page - Micrel Semiconductor MICRF405 Datasheet HTML 38Page - Micrel Semiconductor MICRF405 Datasheet HTML 39Page - Micrel Semiconductor MICRF405 Datasheet HTML 40Page - Micrel Semiconductor MICRF405 Datasheet HTML 41Page - Micrel Semiconductor MICRF405 Datasheet HTML 42Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Micrel
MICRF405
April 2006
38
M9999-041906
(408) 955-1690
Pream_Len1
Pream_Len0
Comments
0
0
Preamble length is 1 byte.
0
1
Preamble length is 2 bytes.
1
0
Preamble length is 3 bytes.
1
1
Preamble length is 4 bytes.
Table 36. Preamble Field Length.
Sel_CRC1
Sel_CRC0
Comments
0
X
CRC disabled
1
0
CCITT-8 CRC enabled. Byte is sent after payload data.
Polynomial function: X^8+X^5+X^4+1. (Byte part of Frame Length)
1
1
ITU-16 CRC enabled. Bytes are sent after payload data.
Polynomial function: X^16+X^12+X^5+1. (Byte part of Frame Length)
Table 37. CRC Select.
Manchester_en
Comments
0
Manchester encoding disabled.
1
Manchester encoding enabled. Data will be encoded before transmitted.
FSKn > 0 when using modulator.
Table 38. Manchester Encoding (only when BIT_IO_en=0).
VCO_freq2 VCO_freq1 VCO_freq0
Comments
0
0
0
Not used
0
0
1
0
1
0
868 MHz, 433MHz
0
1
1
1
0
0
915 MHz
1
0
1
1
1
0
950MHz, 315MHz
1
1
1
Table 39. VCO Frequency.
MOD_I
Comments
1..31
The deviation is linearly dependent of MOD_I
Table 40. Modulator Current Setting for Frequency Deviation.
MOD_A
Comments
0..4
Frequency deviation attenuator (or range selector). The attenuations are (values 0 through 4, respectively)
1
1
,
2
1
,
4
1
,
8
1
and
16
1
Table 41. Modulator Attenuator Setting for Frequency Deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com