Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 23Page - Micrel Semiconductor MICRF405 Datasheet HTML 24Page - Micrel Semiconductor MICRF405 Datasheet HTML 25Page - Micrel Semiconductor MICRF405 Datasheet HTML 26Page - Micrel Semiconductor MICRF405 Datasheet HTML 27Page - Micrel Semiconductor MICRF405 Datasheet HTML 28Page - Micrel Semiconductor MICRF405 Datasheet HTML 29Page - Micrel Semiconductor MICRF405 Datasheet HTML 30Page - Micrel Semiconductor MICRF405 Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Micrel
MICRF405
April 2006
27
M9999-041906
(408) 955-1690
Modulation
Adr
Data
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001011
LowBatt_en=1
Freq_Band1=0
Freq_Band0=1
VCO_freq2=0
VCO_freq1=1
VCO_freq0=1
Modulation1=1
Modulation0=0
0001110
Mod_I4=0
Mod_I3=1
Mod_I2=0
Mod_I1=0
Mod_I0=1
Mod_A2=0
Mod_A1=1
Mod_A0=1
0001111
VCO_Fr_Chk=0
VCO_Fr_Auto=0
FSKn2=1
FSKn1=0
FSKn0=0
Mod_F2=1
Mod_F1=0
Mod_F0=0
0010000
MOD_TEST1=0
Prescaler_Sel=0
FSKClk_K5=1
FSKClk_K4=1
FSKClk_K3=0
FSKClk_K2=1
FSKClk_K1=0
FSKClk_K0=0
0010001
ASK_PN_en=0
ASK_EN=0
ASKshape2=1
ASKshape1=1
ASKshape0=1
ASK2=1
ASK1=1
ASK0=1
0010010
ASKn1=1
ASKn0=0
ASKClk_K5=1
ASKClk_K4=1
ASKClk_K3=0
ASKClk_K2=1
ASKClk_K1=0
ASKClk_K0=0
The frequency modulation can be done in three
different ways with the MICRF405, either by closed-,
open loop VCO modulation or by modulation with
the internal dividers. Amplitude modulation can also
be done in two different ways, either ASK/OOK or
Spread Spectrum ASK™. All these different types of
modulation is selected by Modulation1-0 and
ASK_en (See chapter bit description for details).
Closed loop VCO modulation
(Modulation[1:0]=0),
the modulation is applied directly to the VCO. The
PLL will see the modulation as a frequency error and
try to tune the VCO back to carrier. The PLL
bandwidth therefore, needs to be sufficiently low
enough not to cancel the modulation (at least 20
times lower than the slowest variation of the
modulation). Also, the modulation needs to be DC-
free, usually by encoding the data by a DC-free code
such as Manchester or 3b4b. In most cases, an
external PLL loop filter must be used to fulfill the
demand for low bandwidth. Please see the
Modulator section for details on deviation and
shaping.
Open Loop VCO Modulation
(Modulation[1:0]=1),
modulation is applied directly to the VCO. The VCO
is now left free-running. The varactor voltage will
now be stored on a large external capacitor
connected to the VARIN pin and the PLL is disabled
during the modulation. With the PLL disabled, the
modulation will not be canceled and the modulated
data signal may include DC-components. The
switching between PLL active and disabled is done
automatically by checking the DATAIN pin. If it is tri-
stated the PLL is active, and if it is either high or low
or transitioning between high or low the PLL is then
disabled and the data on the DATAIN pin is
transmitted. When data is transferred through the
SPI the PLL is disabled during the transmission of a
packet, while enabled else. In this mode, the PLL
bandwidth can be fairly high as it is disabled during
transmission. However, due to the large external
capacitor, C3 in Figure 11b), the bandwidth is limited
due to the pole created by this capacitor. Both
internal with 56
° phase margin and external filters
are suitable. A high quality capacitor of 10-47nF
(COG type) should be connected on pin VARIN-to-
ground to ensure minimum frequency drift due to
leakage and frequency drift caused by the capacitor
dielectric relaxation phenomenon (25kHz offset after
50ms). For deviation and shaping, please see the
Modulator section. The frequency drift (Hz/ms) over
temperature due to leakage is shown in Figure 12
with a 33nF COG external capacitor.
Figure 13 shows the frequency drift in open loop
VCO
modulation
due
to
capacitor
dielectric
relaxation. The drift is around 40kHz during a time
period of 50ms. Of the 40kHz drift, 5-10kHz is due to
an initial offset caused by the modulator itself.
Att
30 dB
*
1 AP
CLRWR
A
IFB 10 MHz
TRG
Ref
0 Hz
Center 915.00004 MHz
10 ms/
AQT 100 ms
-240k
-200k
-160k
-120k
-80k
-40k
0
40k
80k
120k
160k
Date: 11.JAN.2006
10:10:03
Figure 12. Frequency Drift Due to Capacitor Dielectric
Relaxation at 915MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com