Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 6 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 2Page - STMicroelectronics AIS25BA Datasheet HTML 3Page - STMicroelectronics AIS25BA Datasheet HTML 4Page - STMicroelectronics AIS25BA Datasheet HTML 5Page - STMicroelectronics AIS25BA Datasheet HTML 6Page - STMicroelectronics AIS25BA Datasheet HTML 7Page - STMicroelectronics AIS25BA Datasheet HTML 8Page - STMicroelectronics AIS25BA Datasheet HTML 9Page - STMicroelectronics AIS25BA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
3
TDM interface characteristics
All setup times and hold times in Table 5 and in Figure 2 are valid for BCLK polarity set to “clock on rising”.
If BCLK polarity is set to “clock on falling”, then all setup and hold times will refer to the falling edge of BCLK
instead. Please refer to Section 4 TDM interface specifications for additional details.
Table 5. TDM interface characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
MCLK
MCLK frequency nominal
12.288
MHz
MCLKA
MCLK frequency accuracy
-0.1
0.1
%
MCLKJ
MCLK jitter
1
ns (peak to peak)
BCLK
BCLK frequency (1/tp)
in disabled mode
MCLK
MHz
WCLK = 8 kHz
1.024
MHz
WCLK = 16 kHz
2.048
MHz
WCLK = 24 kHz
3.072
MHz
WCLK8
8 kHz WCLK mode
8
kHz
WCLK16
16 kHz WCLK mode
16
WCLK24
24 kHz WCLK mode
24
PDC
All clock pin duty cycle
(except WCLK)
45
55
%
WT
WCLK setup time before BCLK rising/falling edge (tss1)
20
ns
SDOST
SDOUT setup time before BCLK rising/falling edge (tss2)
15
ns
SDOHTR SDOUT hold time after BCLK rising/falling edge (ths1)
15
ns
SDOHTZ
SDOUT hold time of LSB after BCLK rising/falling edge (ths2)
15
50
ns
CMCLK
MCLK pin capacitance
10
pF
CBCLK
BCLK pin capacitance
10
CWCLK
VCLK pin capacitance
10
CSDOUT
SDOUT load capacitance
60
FRREL
Relative frequency response(1)
(2)
-0.5
0.4
dB
1. Data by simulation
2. All the DUT measurement points are normalized to the 294 Hz measurement. The deviation between each point and 294 Hz is calculated.
The maximum deviation for points measured at frequencies below 2.0 kHz is given as FRREL.
Figure 2. TDM interface characteristics
AIS25BA
TDM interface characteristics
DS14019 - Rev 1
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com