Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 27 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 23Page - STMicroelectronics AIS25BA Datasheet HTML 24Page - STMicroelectronics AIS25BA Datasheet HTML 25Page - STMicroelectronics AIS25BA Datasheet HTML 26Page - STMicroelectronics AIS25BA Datasheet HTML 27Page - STMicroelectronics AIS25BA Datasheet HTML 28Page - STMicroelectronics AIS25BA Datasheet HTML 29Page - STMicroelectronics AIS25BA Datasheet HTML 30Page - STMicroelectronics AIS25BA Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Contents
1
Pin description ....................................................................2
2
Mechanical and electrical specifications ...........................................3
2.1
Mechanical characteristics ....................................................... 3
2.2
Electrical characteristics......................................................... 4
2.3
Absolute maximum ratings....................................................... 5
3
TDM interface characteristics ......................................................6
3.1
I²C interface characteristics ...................................................... 7
4
TDM interface specifications .......................................................9
4.1
TDM interface overview ......................................................... 9
4.2
Frame synchronization (WCLK) ................................................. 10
4.3
Serial clock (BCLK)............................................................ 10
4.4
Mapping the TDM axes ........................................................ 11
4.5
TDM configurations............................................................ 12
4.5.1
Configuration 1 ......................................................... 12
4.5.2
Configuration 2 ......................................................... 12
4.5.3
Configuration 3 ......................................................... 13
4.5.4
Configuration 4 ......................................................... 13
4.6
TDM clocks and MCLK requirements ............................................. 13
5
I²C- inter-IC control interface ......................................................14
5.1
I²C interface .................................................................. 14
5.2
I²C interface details ............................................................ 15
5.3
I²C slave address ............................................................. 15
5.4
I²C read and write sequences ................................................... 15
6
Features..........................................................................16
6.1
Self-test mode ................................................................ 16
6.2
Power cycle/reset information ................................................... 16
6.2.1
TDM interface power-on sequence .......................................... 16
6.2.2
Disabled mode ......................................................... 17
7
Register map .....................................................................18
8
Register description ..............................................................19
8.1
TEST_REG (0Bh) ............................................................. 19
8.2
WHO_AM_I (0Fh) ............................................................. 19
8.3
TDM_cmax (24h-25h).......................................................... 19
8.4
CTRL_REG_1 (26h) ........................................................... 19
AIS25BA
Contents
DS14019 - Rev 1
page 27/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com