Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 23 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 19Page - STMicroelectronics AIS25BA Datasheet HTML 20Page - STMicroelectronics AIS25BA Datasheet HTML 21Page - STMicroelectronics AIS25BA Datasheet HTML 22Page - STMicroelectronics AIS25BA Datasheet HTML 23Page - STMicroelectronics AIS25BA Datasheet HTML 24Page - STMicroelectronics AIS25BA Datasheet HTML 25Page - STMicroelectronics AIS25BA Datasheet HTML 26Page - STMicroelectronics AIS25BA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
LGA-14 package information
The LGA-14 package is classified MSL 3.
Figure 11. LGA-14 2.5 x 2.5 x 0.86 mm package outline and mechanical data
0.50
1.00
0.30
0.25
0.60 ±0.05
0.10 ±0.05
(x4)
Pin 1 ref#
W
Pin 1 ref#
A
B
H
0.05 C
0.01 C
C
Top View
Bottom View
Side view
Dimensions are in millimeters unless otherwise specified
General tolerance is +/-0.1mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION (mm)
TOLERANCE (mm)
Height (H)
Width (W)
Lenght (L)
0.86 Max
2.5
2.5
/
0.1
0.1
8535512_2
AIS25BA
Package information
DS14019 - Rev 1
page 23/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com