Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 10 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 6Page - STMicroelectronics AIS25BA Datasheet HTML 7Page - STMicroelectronics AIS25BA Datasheet HTML 8Page - STMicroelectronics AIS25BA Datasheet HTML 9Page - STMicroelectronics AIS25BA Datasheet HTML 10Page - STMicroelectronics AIS25BA Datasheet HTML 11Page - STMicroelectronics AIS25BA Datasheet HTML 12Page - STMicroelectronics AIS25BA Datasheet HTML 13Page - STMicroelectronics AIS25BA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
4.2
Frame synchronization (WCLK)
The function of the WCLK is simply to identify the beginning of a frame. In particular the frame start at the rising
edge of WCLK, and the WCLK widths supported are:
•
50% duty cycle
•
One slot width (16 BCLK)
•
One BCLK width
In TDM mode, AIS25BA shall output accelerometer data on the SDOUT pin at the following sampling rates:
•
WCLK = 8 kHz
•
WCLK = 16 kHz
•
WCLK = 24 kHz
As depicted in Figure 4. TDM block diagram, the TDM input sampling rate (ODR_8kHz, ODR_16kHz
and ODR_24kHz), and the associated data inputs (dataX_8kHz, dataX_16kHz, dataX_24kHz, dataY_8kHz,
dataY_16kHz, dataY_24kHz, dataZ_8kHz, dataZ_16kHz and dataZ_24kHz ) can be selected in two different
ways:
1.
Using the I²C register wclk_fq (TDM_CTRL_REG (2Eh), bits 2 and 1). In this case the I²C register
ODR_AUTO_EN (CTRL_REG_2 (2Fh), bit 0) is equal to zero, that means that the ODR_auto functionality
is disabled.
2.
Using the output of the ODR_auto block (ODR_AUTO_EN (CTRL_REG_2 (2Fh), bit 0) equal to one).
This latter simply receives as inputs both the MCLK and the WCLK and it computes the current sampling
frequency as a ratio between the MCLK and WCLK.
The possible outputs of the ODR_auto block are:
•
00: sampling rate equal to 8 kHz (MCLK/WCLK = 1536)
•
01: sampling rate equal to 16 kHz (MCLK/WCLK = 768)
•
10: sampling rate equal to 24 kHz (MCLK/WCLK = 512)
Observing Figure 4, it is possible to see, that if a ratio between MCLK and WCLK differ from 1536, 768 and 512,
the sampling rate equal to 8 kHz is selected.
4.3
Serial clock (BCLK)
The sole purpose of the serial clock BCLK is to shift the data out of the serial SDOUT port. To this purpose, the
TDM interface uses an internal counter that is set to one when the rising edge of the WCLK is detected, and it is
reset to zero when the maximum number of BCLK in a WCLK period is reached.
The maximum number of BCLK contained in a WCLK period (cmax input of the TDM in Figure 4. TDM block
diagram) can be expressed as a function of both the BCLK and WCLK frequencies, and can be computed using
the following equation:
cmax=BCLKWCLK−1
In order to support a serial clock BCLK variable in the range [1024 MHz, 12.288 MHz], and consequently to
compute the correct maximum value of the internal TDM counter, two possible solutions can be selected:
•
The cmax value at the input of the TDM interface can be computed on the fly employing the BCLK_AUTO
block (see Figure 4), which is able to compute the cmax value using the above equation. This functionality
by default is enabled, and can be disabled employing the I²C register ODR_AUTO_EN (CTRL_REG_2 (2Fh)
bit 0).
•
The TDM cmax can be programmed through the I²C registers TDM_cmax (24h-25h).
AIS25BA
Frame synchronization (WCLK)
DS14019 - Rev 1
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com