Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 3 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 3 Page - STMicroelectronics

  AIS25BA Datasheet HTML 1Page - STMicroelectronics AIS25BA Datasheet HTML 2Page - STMicroelectronics AIS25BA Datasheet HTML 3Page - STMicroelectronics AIS25BA Datasheet HTML 4Page - STMicroelectronics AIS25BA Datasheet HTML 5Page - STMicroelectronics AIS25BA Datasheet HTML 6Page - STMicroelectronics AIS25BA Datasheet HTML 7Page - STMicroelectronics AIS25BA Datasheet HTML 8Page - STMicroelectronics AIS25BA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 1.8 V, temperature from -40 °C to +125 °C unless otherwise noted.
The product is factory calibrated at 1.8 V. The operational power supply range is from 1.71 V to 2.1 V.
Table 2. Mechanical characteristics
Symbol
Parameter
Test conditions
Min. Typ.(1) Max.
Unit
FS
Measurement range
3.85
g
7.7
So
Nominal sensitivity(2)
@ FS ±3.85 g @ 25 °C
0.122
mg/LSB
@ FS ±3.85 g @ 25 °C
-11.71
dBFS/g
@ FS ±7.7 g @ 25 °C
0.244
mg/LSB
@ FS ±7.7 g @ 25 °C
-17.73
dBFS/g
So %
Sensitivity tolerance(2)
@ T = 25 °C
-9
+9
%
Sensitivity tolerance - long term
Long term includes post solder, drift in temperature in the
range [-40°C to +125 °C] and over life
-15
+15
TCSo
Sensitivity change vs.
temperature(3)
From -40 to +125 °C, delta from 25 °C
±0.015
%/°C
TyOff
Zero-g level offset accuracy(2)
@ T = 25 °C
-180
+180
mg
Off
Zero-g level offset accuracy - long
term
Long term includes post solder, drift in temperature in the
range [-40°C to +125 °C] and over life
-800
+800
mg
TCOff
Zero-g level change vs.
temperature(3)
From -40 to +125 °C, delta from 25 °C
4
mg/°C
An
Acceleration electrical noise
BW = 2.4 kHz @ T = 25 °C
X, Y-axis
1.6
mg rms
BW = 2.4 kHz @ T = 25 °C
Z-axis
2.4
An_tot
Acceleration noise density(4)
@ T = 25 °C
X, Y-axis
30
μg/√Hz
@ T = 25 °C
Z-axis
50
μg/√Hz
BW
Signal bandwidth
@ T = 25 °C
2200
2400
Hz
LAT
Latency(5)
Including the full chain @ 2 kHz; TDM @ 16 kHz
@ T = 25 °C
266
μs
NL
Non-linearity(6)
@FS ±7.7 g; -7.4 g < input acceleration [g] < +7.4 g
@ T = 25 °C
-0.5
+0.5
%FS
Cx
Cross-axis sensitivity(6)
@ FS ±3.85 g, @ 25 °C
±1
%
RFm
Mechanical resonant frequency of
the MEMS element(5)
X-axis, @ T = 25 °C
5150
Hz
Y-axis, @ T = 25 °C
5150
Hz
Z-axis, @ T = 25 °C
4950
Hz
ST
Self-test deviation(7)
X-axis, from -40 to +125 °C
300
1000
mg
Y-axis, from -40 to +125 °C
300
1000
mg
Z-axis, from -40 to +125 °C
500
2700
mg
1. Typical specifications are not guaranteed.
AIS25BA
Mechanical and electrical specifications
DS14019 - Rev 1
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com