Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 7 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 3Page - STMicroelectronics AIS25BA Datasheet HTML 4Page - STMicroelectronics AIS25BA Datasheet HTML 5Page - STMicroelectronics AIS25BA Datasheet HTML 6Page - STMicroelectronics AIS25BA Datasheet HTML 7Page - STMicroelectronics AIS25BA Datasheet HTML 8Page - STMicroelectronics AIS25BA Datasheet HTML 9Page - STMicroelectronics AIS25BA Datasheet HTML 10Page - STMicroelectronics AIS25BA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
3.1
I²C interface characteristics
Refer to Section 5 I²C- inter-IC control interface for additional details.
The data in the following table are based on standard I²C protocol requirements. Values are not tested in
production and are not guaranteed. The I²C interface can be used only to access the registers of the device for
configuration purposes, but not for reading accelerometer data.
Table 6. Digital input/output voltage for I²C pins
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
VIH
Digital high-level input voltage
0.7*Vdd
V
VIL
Digital low-level input voltage
0.3*Vdd
V
VOL
Low-level output voltage
IOL = 2 mA(2)
0.2
V
1. Typical specifications are not guaranteed.
2. 2 mA is the maximum driving capability, that is, the maximum DC current that can be sourced/sunk by the digital pad in
order to guarantee the correct digital output voltage levels VOH and VOL.
Table 7. I²C interface characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
f(SCL)
SCL
96
400
kHz
CSDA-N
SDA/SCL bus capacitance normal mode
RSDA = 2.5 kOhm
150
pF
CSDA-HS
SDA/SCL bus capacitance high-speed mode
RSDA = 2.5 kOhm
50
pF
RSDA
SDA/SCL pull-up resistance
2500
Ohm
tw(SCLL)
SCL clock low time
1.3
µs
tw(SCLH)
SCL clock high time
0.6
tsu(SDA)
SDA setup time
100
ns
th(SDA)
SDA data hold time
0
0.9
µs
th(ST)
Start condition hold time
0.6
tsu(SR)
Repeated start condition setup time
0.6
tsu(SP)
Stop condition setup time
0.6
tw(SP:SR)
Bus free time between stop and start condition
1.3
I2C_HYST
SDA/SCL minimum pulse width hysteresis
50
ns
1. Typical specifications are not guaranteed.
AIS25BA
I²C interface characteristics
DS14019 - Rev 1
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com