Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 21 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 17Page - STMicroelectronics AIS25BA Datasheet HTML 18Page - STMicroelectronics AIS25BA Datasheet HTML 19Page - STMicroelectronics AIS25BA Datasheet HTML 20Page - STMicroelectronics AIS25BA Datasheet HTML 21Page - STMicroelectronics AIS25BA Datasheet HTML 22Page - STMicroelectronics AIS25BA Datasheet HTML 23Page - STMicroelectronics AIS25BA Datasheet HTML 24Page - STMicroelectronics AIS25BA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
8.7
CTRL_REG_FS (30h)
Accelerometer full-scale selection (R/W)
Table 28. CTRL_REG_FS register
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
FS
1. This bit must be set to 0 for the correct operation of the device.
Table 29. CTRL_REG_FS register description
FS
Full-scale range selection. Default value: 0
(0: FS ±3.85 g; 1: ±7.7 g)
AIS25BA
CTRL_REG_FS (30h)
DS14019 - Rev 1
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com