Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 1 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 1 Page - STMicroelectronics

  AIS25BA Datasheet HTML 1Page - STMicroelectronics AIS25BA Datasheet HTML 2Page - STMicroelectronics AIS25BA Datasheet HTML 3Page - STMicroelectronics AIS25BA Datasheet HTML 4Page - STMicroelectronics AIS25BA Datasheet HTML 5Page - STMicroelectronics AIS25BA Datasheet HTML 6Page - STMicroelectronics AIS25BA Datasheet HTML 7Page - STMicroelectronics AIS25BA Datasheet HTML 8Page - STMicroelectronics AIS25BA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
•
AEC-Q100 qualified
•
3-axis accelerometer with user-selectable full-scale: ±3.85/±7.7 g
•
Wide and flat frequency response: from dc up to 2.4 kHz (typ)
•
Low latency (entire reading chain): 266 µs @ 2 kHz (typ)
•
Ultralow noise density (typ: 30 µg/√Hz for X and Y axes; 50 µg/√Hz for Z-axis)
•
TDM (8/16/24 kHz) slave interface for sensor data and I²C interface for
configuration
•
Supply voltage: 1.71 V to 2.1 V
•
Extended temperature range from -40 °C to +125 °C
•
Embedded self-test
•
Compact package: LGA 2.5 x 2.5 x 0.86 mm 14-lead
•
10000 g high shock survivability
•
Lead-free, ECOPACK and RoHS compliant
Applications
•
Wideband active noise control (ANC)
•
Vibration monitoring
Description
The AIS25BA is an ultralow noise, low latency, wide bandwidth, 3-axis digital
accelerometer with a dedicated TDM interface designed to address automotive non-
safety applications, in particular, wideband active noise control (ANC) and vibration
monitoring.
The AIS25BA has a user-selectable full-scale range of ±3.85/±7.7 g, a time-division
multiplexing (TDM) interface for the sensor data, and an I²C interface for device
configuration.
The AIS25BA is available in a small thin plastic land grid array package (LGA) and is
guaranteed to operate over an extended temperature range from -40 °C to +125 °C.
Product status link
AIS25BA
Product summary
Order code
AIS25BATR
Temp. range [°C]
-40 to +125
Package
LGA-14L
2.5 x 2.5 x 0.86 mm3
Packaging
Tape and reel
Product resources
TN0018 (Design and soldering)
Product label
Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface
for automotive applications
AIS25BA
Datasheet
DS14019 - Rev 1 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - AIS25BA

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
AIS25C160 ADV-AIS25C160 Datasheet
257Kb / 6P
3 Quadrants Triacs
Feb,2013 -Rev.3.01
AIS25C160B ADV-AIS25C160B Datasheet
257Kb / 6P
3 Quadrants Triacs
Feb,2013 -Rev.3.01
AIS25C160S ADV-AIS25C160S Datasheet
257Kb / 6P
3 Quadrants Triacs
Feb,2013 -Rev.3.01
AIS25C60 ADV-AIS25C60 Datasheet
266Kb / 6P
3 Quadrants Triacs
Feb,2013 -Rev.3.02
AIS25C60B ADV-AIS25C60B Datasheet
266Kb / 6P
3 Quadrants Triacs
Feb,2013 -Rev.3.02
More results

Similar Description - AIS25BA

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-D02 VTI-SCA3000-D02 Datasheet
211Kb / 4P
3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
4/2018-Revision 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
8/2018-Revision 0
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
logo
Analog Devices
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
1/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com