Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 4 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 4 Page - STMicroelectronics

  AIS25BA Datasheet HTML 1Page - STMicroelectronics AIS25BA Datasheet HTML 2Page - STMicroelectronics AIS25BA Datasheet HTML 3Page - STMicroelectronics AIS25BA Datasheet HTML 4Page - STMicroelectronics AIS25BA Datasheet HTML 5Page - STMicroelectronics AIS25BA Datasheet HTML 6Page - STMicroelectronics AIS25BA Datasheet HTML 7Page - STMicroelectronics AIS25BA Datasheet HTML 8Page - STMicroelectronics AIS25BA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
2. Values after factory calibration test and trimming at T = 25 °C.
3. Based on characterization results on a limited number of samples, not tested in production and not guaranteed.
4. Includes Brownian noise. Based on characterization results at 3σ on a limited number of samples, not tested in production and not
guaranteed.
5. Specified by design, not tested in production and not guaranteed.
6. Based on characterization results at 3σ on a limited number of samples, not tested in production and not guaranteed.
7. This is the difference between the output in self-test mode and the output in normal mode.
2.2
Electrical characteristics
@ Vdd = 1.8 V, temperature from -40 °C to +125 °C unless otherwise noted.
The product is factory calibrated at 1.8 V. The operational power supply range is from 1.71 V to 2.1 V.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
1.8
2.1
V
Idd
Current consumption in normal mode
Three axes enabled
5.0
mA
Idd_PD
Current consumption in power-down mode
@ T = 25 °C
1
µA
ODR
Output data rate
TDM @ 8 kHz
8
kHz
TDM @ 16 kHz
16
kHz
TDM @ 24 kHz
24
kHz
VIH
Digital high-level input voltage
0.7*Vdd
V
VIL
Digital low-level input voltage
0.3*Vdd
V
VOH
High-level output voltage
IOH = 2 mA(2)
Vdd - 0.2
V
VOL
Low-level output voltage
IOL = 2 mA(2)
0.2
V
Top
Operating temperature range
-40
+125
°C
1. Typical specifications are not guaranteed.
2. 2 mA is the maximum driving capability, that is, the maximum DC current that can be sourced/sunk by the digital pad in order to guarantee
the correct digital output voltage levels VOH and VOL.
AIS25BA
Electrical characteristics
DS14019 - Rev 1
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com