Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 14 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 10Page - STMicroelectronics AIS25BA Datasheet HTML 11Page - STMicroelectronics AIS25BA Datasheet HTML 12Page - STMicroelectronics AIS25BA Datasheet HTML 13Page - STMicroelectronics AIS25BA Datasheet HTML 14Page - STMicroelectronics AIS25BA Datasheet HTML 15Page - STMicroelectronics AIS25BA Datasheet HTML 16Page - STMicroelectronics AIS25BA Datasheet HTML 17Page - STMicroelectronics AIS25BA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
5
I²C- inter-IC control interface
5.1
I²C interface
The registers embedded inside the AIS25BA may be accessed also through the I²C serial interfaces.
Table 11. I²C serial interface pin description
Pin name
Pin description
I2C_SCL
I²C serial clock (SCL)
I2C_SDA
I²C serial data (SDA)
The AIS25BA I²C is a bus slave. The I²C is employed to write data into registers whose content can also be read
back.
The relevant I²C terminology is given in the table below.
Table 12. I²C terminology
Term
Description
Transmitter
The device that sends data to the bus
Receiver
The device that receives data from the bus
Master
The device that initiates a transfer, generates clock signals, and terminates a transfer
Slave
The device addressed by the master
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial data line (SDA).
The latter is a bidirectional line used for sending and receiving the data to/from the interface. Both lines must be
connected to Vdd through an external pull-up resistor. When the bus is free, both lines are high.
The I²C interface is compliant with fast mode (400 kHz) I²C standards as well as with the normal mode.
AIS25BA
I²C- inter-IC control interface
DS14019 - Rev 1
page 14/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com