Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BA Datasheet(PDF) 20 Page - STMicroelectronics

Part # AIS25BA
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 16Page - STMicroelectronics AIS25BA Datasheet HTML 17Page - STMicroelectronics AIS25BA Datasheet HTML 18Page - STMicroelectronics AIS25BA Datasheet HTML 19Page - STMicroelectronics AIS25BA Datasheet HTML 20Page - STMicroelectronics AIS25BA Datasheet HTML 21Page - STMicroelectronics AIS25BA Datasheet HTML 22Page - STMicroelectronics AIS25BA Datasheet HTML 23Page - STMicroelectronics AIS25BA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
8.5
TDM_CTRL_REG (2Eh)
(R/W)
Table 24. TDM_CTRL_REG register
TDM_pd
Delayed
data_valid
mapping
0(1)
WCLK_fq1
WCLK_fq0
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 25. TDM_CTRL_REG register description
TDM_pd
Enables TDM. Default value: 1
(0: TDM on; 1: TDM off)
Delayed
TDM delayed configuration. Default value: 1
(0: TDM no delayed configuration; 1: TDM delayed configuration)
data_valid
TDM data valid. Default value: 1
(0: data valid on the rise edge of BCLK; 1: data valid on the falling edge of BCLK)
mapping
TDM mapping. Default value: 1
(0: AXEX → SLOT0; AXEY → SLOT1; AXEZ → SLOT2;
1: AXEX → SLOT4; AXEY → SLOT5; AXEZ → SLOT6)
WCLK_fq [1:0]
TDM clock frequencies. Default value: 00
(00: WCLK = 8 kHz;
01: WCLK = 16 kHz;
10: WCLK = 24 kHz)
8.6
CTRL_REG_2 (2Fh)
(R/W)
Table 26. CTRL_REG_2 register
1(1)
1(1)
1(1)
0(2)
0(2)
0(2)
0(2)
ODR_AUTO_
EN
1. This bit must be set to 1 for the correct operation of the device.
2. This bit must be set to 0 for the correct operation of the device.
Table 27. CTRL_REG_2 register description
ODR_AUTO_EN
Enables auto ODR. Default value: 1
(0: auto ODR and BCLK disabled(1); 1: auto ODR and BCLK enabled(2))
1. In this case it is mandatory to set TDM_CTRL_REG (2Eh) bits 2 and 1 to match the WCLK sampling rate and TDM_cmax
(24h-25h) to match the BCLK/WCLK ratio
2. AIS25BA automatically measures the ratio r = MCLK/WCLK. The WCLK frequency is internally determined as FW=12.288
MHz/r. FW is used to configure automatically the decimation ratio between the ADC and TDM input data rate (same as
TDM output data rate) bypassing TDM_CTRL_REG (2Eh) bits 2 and 1 configuration. When ODR_AUTO is 1 also the
BCLK/WCLK ratio is automatically computed for proper TDM configuration as described in TDM_cmax (24h-25h).
AIS25BA
TDM_CTRL_REG (2Eh)
DS14019 - Rev 1
page 20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com