Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 257 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 257 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 253Page - Texas Instruments AM2434...ALV Datasheet HTML 254Page - Texas Instruments AM2434...ALV Datasheet HTML 255Page - Texas Instruments AM2434...ALV Datasheet HTML 256Page - Texas Instruments AM2434...ALV Datasheet HTML 257Page - Texas Instruments AM2434...ALV Datasheet HTML 258Page - Texas Instruments AM2434...ALV Datasheet HTML 259Page - Texas Instruments AM2434...ALV Datasheet HTML 260Page - Texas Instruments AM2434...ALV Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 280 page
background image
9.2 Peripheral- and Interface-Specific Design Information
9.2.1 General Routing Guidelines
The following paragraphs detail the routing guidelines that must be observed when routing the various functional
LVCMOS interfaces.
• Line spacing:
– For a line width equal to W, the spacing between two lines must be 2W, at least. This minimizes the
crosstalk between switching signals between the different lines. On the PCB, this is not achievable
everywhere (for example, when breaking signals out from the device package), but it is recommended
to follow this rule as much as possible. When violating this guideline, minimize the length of the traces
running parallel to each other (see Figure 9-1).
W
D+
S = 2 W = 200 µm
SWPS040-185
Figure 9-1. Ground Guard Illustration
• Length matching (unless otherwise specified):
– For bus or traces at frequencies less than 10 MHz, the trace length matching (maximum length difference
between the longest and the shortest lines) must be less than 25 mm.
– For bus or traces at frequencies greater than 10 MHz, the trace length matching (maximum length
difference between the longest and the shortest lines) must be less than 2.5 mm.
• Characteristic impedance
– Unless otherwise specified, the characteristic impedance for single-ended interfaces is recommended to
be between 35-Ω and 65-Ω.
• Multiple peripheral support
– For interfaces where multiple peripherals have to be supported in the star topology, the length of each
branch has to be balanced. Before closing the PCB design, it is highly recommended to verify signal
integrity based on simulations including actual PCB extraction.
9.2.2 DDR Board Design and Layout Guidelines
The goal of the AM64x\AM243x DDR Board Design and Layout Guidelines is to make the DDR system
implementation straightforward for all designers. Requirements have been distilled down to a set of layout and
routing rules that allow designers to successfully implement a robust design for the topologies that TI supports.
TI only supports board designs using DDR4 or LPDDR4 memories that follow the guidelines in this document.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
257
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com