Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 259 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 259 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 255Page - Texas Instruments AM2434...ALV Datasheet HTML 256Page - Texas Instruments AM2434...ALV Datasheet HTML 257Page - Texas Instruments AM2434...ALV Datasheet HTML 258Page - Texas Instruments AM2434...ALV Datasheet HTML 259Page - Texas Instruments AM2434...ALV Datasheet HTML 260Page - Texas Instruments AM2434...ALV Datasheet HTML 261Page - Texas Instruments AM2434...ALV Datasheet HTML 262Page - Texas Instruments AM2434...ALV Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 280 page
background image
9.2.3.2 External Board Loopback
• The OSPI[x]_CLK output pin must be connected to the CLK input pin of the attached OSPI/QSPI/SPI device
• The OSPI[x]_LBCLKO output pin must be looped back to the OSPI[x]_DQS input pin
• The signal propagation delay of the OSPI[x]_LBCLKO pin to the OSPI[x]_DQS pin (C to D) must be
approximately twice the propagation delay of the OSPI[x]_CLK pin to the attached OSPI/QSPI/SPI device
CLK pin (A to B)
• The signal propagation delay of each OSPI[x]_D[y] and OSPI[x]_CSn[z] pin to the corresponding attached
OSPI/QSPI/SPI device data and control pin (E to F, or F to E) must be approximately equal to the signal
propagation delay from the OSPI[x]_CLK pin to the attached OSPI/QSPI/SPI device CLK pin (A to B)
• 50 Ω PCB routing is recommended along with series terminations, as shown in Figure 9-3
• Propagation delays and matching:
– (C to D) = 2 x ((A to B) ± 30 ps), see the exception note below.
– (E to F, or F to E) = ((A to B) ± 60 ps)
Note
The External Board Loopback hold time requirement (defined by parameter number O16 in Table
7-100, OSPI0 Timing Requirements - PHY DDR Mode) may be larger than the hold time provided by
a typical OSPI/QSPI/SPI device. In this case, the propagation delay of OPSI[x]_LBCLKO pin to the
OSPI[x]_DQS pin (C to D) can be reduced to provide additional hold time.
A
B
E
F
OSPI[x]_CLK
R1
OSPI/QSPI/SPI
Device Clock Input
OSPI/QSPI/SPI
Device IO[y], CS#
OSPI[x]_D[y],
OSPI[x]_CSn[z]
0
*
Ω
OSPI_Board_02
C
D
OSPI[x]_LBCLKO
OSPI[x]_DQS
R1
0
*
Ω
OSPI Device DQS
* 0 Ω resistor (R1), located as close as possible to the OSPI[x]_CLK and OSPI[x]_LBCLKO pins, is a placeholder for fine tuning, if
needed.
Figure 9-3. OSPI Connectivity Schematic for External Board Loopback
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
259
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com