Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 262 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 262 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 258Page - Texas Instruments AM2434...ALV Datasheet HTML 259Page - Texas Instruments AM2434...ALV Datasheet HTML 260Page - Texas Instruments AM2434...ALV Datasheet HTML 261Page - Texas Instruments AM2434...ALV Datasheet HTML 262Page - Texas Instruments AM2434...ALV Datasheet HTML 263Page - Texas Instruments AM2434...ALV Datasheet HTML 264Page - Texas Instruments AM2434...ALV Datasheet HTML 265Page - Texas Instruments AM2434...ALV Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 280 page
background image
For this example, the designer must understand which variables effect the maximum trigger threshold when
selecting resistor values. A device which has a VMON_VSYS input threshold of 0.45 V + 3% needs to be
considered when trying to design a voltage divider that doesn’t trip until the system supply drops 10%. The effect
of resistor tolerance and input leakage also needs to be considered, but the contribution to the maximum trigger
point is not obvious. When selecting component values which produce a maximum trigger voltage, the system
designer must consider a condition where the value of R1 is 1% low and the value of R2 is 1% high combined
with a condition where input leakage current for the VMON_VSYS pin is 2.5 µA. When implementing a resistor
divider where R1 = 4.81 KΩ and R2 = 40.2 KΩ, the result is a maximum trigger threshold of 4.517 V.
Once component values have been selected to satisfy the maximum trigger voltage as described above, the
system designer can determine the minimum trigger voltage by calculating the applied voltage that produces an
output voltage of 0.45 V - 3% when the value of R1 is 1% high and the value of R2 is 1% low, and the input
leakage current is 10 nA, or zero. Using an input leakage of zero with the resistor values given above, the result
is a minimum trigger threshold of 4.013 V.
This example demonstrates a system power supply voltage trip point that ranges from 4.013 V to 4.517
V. Approximately 250 mV of this range is introduced by VMON_VSYS input threshold accuracy of ±3%,
approximately 150 mV of this range is introduced by resistor tolerance of ±1%, and approximately 100 mV
of this range is introduced by loading error when VMON_VSYS input leakage current is 2.5 µA.
The resistor values selected in this example produces approximately 100 µA of bias current through the resistor
divider when the system supply is 4.5 V. The 100 mV of loading error mentioned above can be reduced to about
10 mV by increasing the bias current through the resistor divider to approximately 1 mA. So resistor divider bias
current vs loading error is something the system designer needs to consider when selecting component values.
The system designer must also consider implementing a noise filter on the voltage divider output since
VMON_VSYS has minimum hysteresis and a high-bandwidth response to transients. This can be done by
installing a capacitor across R1 as shown in Figure 9-6. However, the system designer must determine the
response time of this filter based on system supply noise and expected response to transient events.
Device
VMON_VSYS
SPRSP56_VMON_ER_MON_01
VSS
4.81 k
1%
Ω
±
40.2 k
1%
Ω ±
VSYS
R1
R2
C1
Value = Determined by system designer
(System Power Supply)
Figure 9-6. System Supply Monitor Voltage Divider Circuit
VMON_1P8_MCU and VMON_1P8_SOC pins provide a way to monitor external 1.8 V power supplies. These
pins must be connected directly to their respective power source. An internal resistor divider with software
control is implemented inside the SoC for each of these pins. Software can program each internal resistor divider
to create appropriate under voltage and over voltage interrupts.
VMON_3P3_MCU and VMON_3P3_SOC pins provide a way to monitor external 3.3 V power supplies. These
pins must be connected directly to their respective power source. An internal resistor divider with software
control is implemented inside the SoC for each of these pins. Software can program each internal resistor divider
to create appropriate under voltage and over voltage interrupts.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
262
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com