Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 265 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 265 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 261Page - Texas Instruments AM2434...ALV Datasheet HTML 262Page - Texas Instruments AM2434...ALV Datasheet HTML 263Page - Texas Instruments AM2434...ALV Datasheet HTML 264Page - Texas Instruments AM2434...ALV Datasheet HTML 265Page - Texas Instruments AM2434...ALV Datasheet HTML 266Page - Texas Instruments AM2434...ALV Datasheet HTML 267Page - Texas Instruments AM2434...ALV Datasheet HTML 268Page - Texas Instruments AM2434...ALV Datasheet HTML 269Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 280 page
background image
10.1.1 Standard Package Symbolization
Note
Some devices may have a cosmetic circular marking visible on the top of the device package which
results from the production test process. In addition, some devices may also show a color variation in
the package substrate which results from the substrate manufacturer. These differences are cosmetic
only with no reliability impact.
aBBBBBBr
ZfYytPPPQ1
A1 (PIN ONE INDICATOR)
O
G1
YYY
ZZZ
XXXXXXX
SITARA
aBBBBBBr
ZfYytPPPQ1
XXXXXXX
A1 (PIN ONE INDICATOR)
O
G1
YYY
SITARA
Figure 10-1. Printed Device Reference
10.1.2 Device Naming Convention
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a(1)
Device Evolution Stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
Production
BBBBBB
Base Production Part
Number
AM2434
(See Device Comparison)
AM2432
AM2431
r
Device Revision
A
Silicon Revision (SR) 1.0
B
Silicon Revision (SR) 2.0
Z
Device Speed Grades
S
(See Speed Grade Maximum Frequency)
K
f
Features
(See Device
Comparison)
C
All PRU_ICSSG features are enabled except for industrial
communication support. PRU_ICSSG industrial communication
interfaces include Ethernet networking (MII/RGMII, MDIO), Sigma-Delta
(SD) decimation, and three channel peripheral interface (EnDat 2.2 and
BiSS)
D
Features supported by C, plus PRU_ICSSG industrial communication
subsystem is enabled
E
Features supported by D, plus EtherCAT HW Accelerator and CAN-FD
are enabled
F
Features supported by E, plus Pre-integrated Stacks are enabled
Y
Functional Safety
G
Non-Functional Safety
F
Functional Safety
y
Security
G
Non-Secure
H
Secure
t(2)
Temperature
A
-40°C to 105°C - Industrial
(See Recommended Operating Conditions)
I
-40°C to 125°C - Extended Industrial
(See Recommended Operating Conditions)
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
265
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com