Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 106 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 102Page - Texas Instruments AM2434...ALV Datasheet HTML 103Page - Texas Instruments AM2434...ALV Datasheet HTML 104Page - Texas Instruments AM2434...ALV Datasheet HTML 105Page - Texas Instruments AM2434...ALV Datasheet HTML 106Page - Texas Instruments AM2434...ALV Datasheet HTML 107Page - Texas Instruments AM2434...ALV Datasheet HTML 108Page - Texas Instruments AM2434...ALV Datasheet HTML 109Page - Texas Instruments AM2434...ALV Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 280 page
background image
(2)
The MCU_EXT_REFCLK0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
6.3.22.4 VMON
Table 6-73. VMON Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
VMON_1P8_MCU
A
Voltage monitor input for 1.8 V MCU power supply
K16
VMON_1P8_SOC
A
Voltage monitor input for 1.8 V SoC power supply
E12
F14
VMON_3P3_MCU
A
Voltage monitor input for 3.3 V MCU power supply
F13
VMON_3P3_SOC
PWR
Voltage monitor input for 3.3 V SoC power supply
F14
E15
VMON_VSYS
A
Voltage monitor input, fixed 0.45 V (+/-3%) threshold. Use
with external precision voltage divider to monitor a higher
voltage rail such as the PMIC input supply.
K10
G13
6.3.23 TIMER
MAIN Domain Instances
Table 6-74. TIMER Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single timer instance)
C18, K18
A17, K18
TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single timer instance)
B19, K19
B18, K20
TIMER_IO2
IO
Timer Inputs and Outputs (not tied to single timer instance)
A17, L21
B13, J19
TIMER_IO3
IO
Timer Inputs and Outputs (not tied to single timer instance)
B17, K21
A14, J18
TIMER_IO4
IO
Timer Inputs and Outputs (not tied to single timer instance)
C17, L20
B14, J20
TIMER_IO5
IO
Timer Inputs and Outputs (not tied to single timer instance)
D17, J19
A15, J21
TIMER_IO6
IO
Timer Inputs and Outputs (not tied to single timer instance)
B16, D19, T1
B17, B9, E2
TIMER_IO7
IO
Timer Inputs and Outputs (not tied to single timer instance)
A16, C20, U7
A9, C16, T2
TIMER_IO8
IO
Timer Inputs and Outputs (not tied to single timer instance)
P19, V7
Y4
TIMER_IO9
IO
Timer Inputs and Outputs (not tied to single timer instance)
R21, W7
U3
TIMER_IO10
IO
Timer Inputs and Outputs (not tied to single timer instance)
C13, U13
B7, V13
TIMER_IO11
IO
Timer Inputs and Outputs (not tied to single timer instance)
D14, U1
E1
MCU Domain Instances
Table 6-75. MCU_TIMER Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single timer instance)
D8
D4
MCU_TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single timer instance)
E8
C2
MCU_TIMER_IO2 (1)
IO
Timer Inputs and Outputs (not tied to single timer instance)
B8
MCU_TIMER_IO3 (1)
IO
Timer Inputs and Outputs (not tied to single timer instance)
B9
(1)
This MCU_TIMER_IO signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
6.3.24 UART
MAIN Domain Instances
Table 6-76. UART0 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
B16
B9
UART0_DCDn
I
UART Data Carrier Detect (active low)
C17
B14
UART0_DSRn
I
UART Data Set Ready (active low)
D17
A15
UART0_DTRn
O
UART Data Terminal Ready (active low)
A17
B13
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
106
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com