Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 108 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 104Page - Texas Instruments AM2434...ALV Datasheet HTML 105Page - Texas Instruments AM2434...ALV Datasheet HTML 106Page - Texas Instruments AM2434...ALV Datasheet HTML 107Page - Texas Instruments AM2434...ALV Datasheet HTML 108Page - Texas Instruments AM2434...ALV Datasheet HTML 109Page - Texas Instruments AM2434...ALV Datasheet HTML 110Page - Texas Instruments AM2434...ALV Datasheet HTML 111Page - Texas Instruments AM2434...ALV Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 280 page
background image
Table 6-82. UART6 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART6_CTSn
I
UART Clear to Send (active low)
T4, W21
L2, Y20
UART6_RTSn
O
UART Request to Send (active low)
P17, P4
E3
UART6_RXD
I
UART Receive Data
C13, U6, V6, Y21
B7, R5, U2, Y18
UART6_TXD
O
UART Transmit Data
D14, W3, Y20
AA19, L3
MCU Domain Instances
Table 6-83. MCU_UART0 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_UART0_CTSn
I
UART Clear to Send (active low)
D8
D4
MCU_UART0_RTSn
O
UART Request to Send (active low)
E8
C2
MCU_UART0_RXD
I
UART Receive Data
A9
D6
MCU_UART0_TXD
O
UART Transmit Data
A8
B2
Table 6-84. MCU_UART1 Signal Descriptions
Signal Name [1] ((1))
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_UART1_CTSn
I
UART Clear to Send (active low)
B8
MCU_UART1_RTSn
O
UART Request to Send (active low)
B9
MCU_UART1_RXD
I
UART Receive Data
C9
MCU_UART1_TXD
O
UART Transmit Data
D9
(1)
The MCU_UART1 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
6.3.25 USB
MAIN Domain Instances
Table 6-85. USB0 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
USB0_DM
IO
USB 2.0 Differential Data (negative)
AA20
AA17
USB0_DP
IO
USB 2.0 Differential Data (positive)
AA19
AA16
USB0_DRVVBUS
O
USB VBUS control output (active high)
E19
B19
USB0_ID
A
USB Identification Dual-Role Device (DRD) role select
U16
Y17
USB0_RCALIB (1)
A
Pin to connect to calibration resistor
U17
W17
USB0_VBUS (2)
A
USB Level-shifted VBUS input
T14
V18
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS. The maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 9.2.4, USB
VBUS Design Guidelines.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
108
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com