Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 112 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 108Page - Texas Instruments AM2434...ALV Datasheet HTML 109Page - Texas Instruments AM2434...ALV Datasheet HTML 110Page - Texas Instruments AM2434...ALV Datasheet HTML 111Page - Texas Instruments AM2434...ALV Datasheet HTML 112Page - Texas Instruments AM2434...ALV Datasheet HTML 113Page - Texas Instruments AM2434...ALV Datasheet HTML 114Page - Texas Instruments AM2434...ALV Datasheet HTML 115Page - Texas Instruments AM2434...ALV Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 280 page
background image
Table 6-86. Connectivity Requirements (ALV Package) (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
F18
G18
J21
G19
K20
J20
J18
J17
H17
H19
H18
G17
MMC0_CALPAD
MMC0_CLK
MMC0_CMD
MMC0_DS
MMC0_DAT0
MMC0_DAT1
MMC0_DAT2
MMC0_DAT3
MMC0_DAT4
MMC0_DAT5
MMC0_DAT6
MMC0_DAT7
If MMC0 is not used, each of these balls must be left unconnected.
H15
K15
VDDA_3P3_SDIO
CAP_VDDSHV_MMC1
If SDIO_LDO is not used to power VDDSHV5, each of these balls
must be connected directly to VSS.
P12
P13
P11
R14
VDDA_0P85_SERDES0
VDDA_0P85_SERDES0
VDDA_0P85_SERDES0_C
VDDA_1P8_SERDES0
If SERDES0 is not used and the device boundary scan function
is required, each of these balls must be connected to valid power
sources.
If SERDES0 is not used and the device boundary scan function
is not required, each of these balls can alternatively be connected
directly to VSS.
T13
W16
W17
Y15
Y16
AA16
AA17
SERDES0_REXT
SERDES0_REFCLK0N
SERDES0_REFCLK0P
SERDES0_RX0_N
SERDES0_RX0_P
SERDES0_TX0_N
SERDES0_TX0_P
If SERDES0 is not used, leave unconnected.
Note: The SERDES0_REXT pin can only be left unconnected
when VDDA_0P85_SERDES0, VDDA_0P85_SERDES0_C, and
VDDA_1P8_SERDES0 are connected to VSS. The
SERDES0_REXT pin must be connected to VSS through
the appropriate external resistor when VDDA_0P85_SERDES0,
VDDA_0P85_SERDES0_C, and VDDA_1P8_SERDES0 are
connected to power sources.
T12
R15
R13
VDDA_0P85_USB0
VDDA_1P8_USB0
VDDA_3P3_USB0
If USB0 is not used, each of these balls must be connected directly
to VSS.
AA20
AA19
U16
U17
T14
USB0_DM
USB0_DP
USB0_ID
USB0_RCALIB
USB0_VBUS
If USB0 is not used, leave unconnected.
Note: The USB0_RCALIB pin can only be left unconnected when
VDDA_0P85_USB0, VDDA_1P8_USB0, and VDDA_3P3_USB0
are connected to VSS. The USB0_RCALIB pin must be
connected to VSS through the appropriate external resistor when
VDDA_0P85_USB0, VDDA_1P8_USB0, and VDDA_3P3_USB0 are
connected to power sources.
K10
VMON_VSYS
If VMON_VSYS is not used, this ball must be connected directly to
VSS.
K16
E12
F13
F14
VMON_1P8_MCU
VMON_1P8_SOC
VMON_3P3_MCU
VMON_3P3_SOC
If VMON_1P8_MCU, VMON_1P8_SOC, VMON_3P3_MCU, and
VMON_3P3_SOC are not used to monitor the MCU and SOC power
rails, these balls must still be connected to their respective 1.8-V and
3.3-V power rails.
(1)
To determine which power supply is associated with any IO, see POWER column of the Pin Attributes table.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
112
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com