Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 119 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 115Page - Texas Instruments AM2434...ALV Datasheet HTML 116Page - Texas Instruments AM2434...ALV Datasheet HTML 117Page - Texas Instruments AM2434...ALV Datasheet HTML 118Page - Texas Instruments AM2434...ALV Datasheet HTML 119Page - Texas Instruments AM2434...ALV Datasheet HTML 120Page - Texas Instruments AM2434...ALV Datasheet HTML 121Page - Texas Instruments AM2434...ALV Datasheet HTML 122Page - Texas Instruments AM2434...ALV Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 280 page
background image
7.4 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1) UNIT
VDD_CORE
Core supply
0.85 V Operation
0.81
0.85
0.895
V
VDDR_CORE
RAM supply
0.81
0.85
0.895
V
VDD_MMC0(2)
MMC0 PHY core supply
0.81
0.85
0.895
V
VDD_DLL_MMC0(2)
MMC0 PLL analog supply
0.81
0.85
0.895
V
VDDA_0P85_SERDES0
SERDES0 0.85 V analog supply
0.81
0.85
0.895
V
VDDA_0P85_SERDES0_C SERDES0 clock 0.85 V analog supply
0.81
0.85
0.895
V
VDDA_0P85_USB0
USB0 0.85 V analog supply
0.81
0.85
0.895
V
VDDS_DDR(3)
VDDS_DDR_C(3)
DDR PHY IO supply
DDR clock IO supply
1.1 V Operation
1.06
1.1
1.17
V
1.2 V Operation
1.14
1.2
1.26
V
VDDS_MMC0
MMC0 PHY IO supply
1.71
1.8
1.89
V
VDDS_OSC
MCU_OSC0 supply
1.71
1.8
1.89
V
VDDA_MCU
POR and MCU PLL analog supply
1.71
1.8
1.89
V
VDDA_ADC0
ADC0 analog supply
1.71
1.8
1.89
V
VDDA_PLL0
Main, PER and R5F PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL1
ARM and DDR PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL2
PER0 PLL analog supply
1.71
1.8
1.89
V
VDDA_1P8_SERDES0
SERDES0 1.8 V analog supply
1.71
1.8
1.89
V
VDDA_1P8_USB0
USB0 1.8 V analog supply
1.71
1.8
1.89
V
VDDA_TEMP0
TEMP0 analog supply
1.71
1.8
1.89
V
VDDA_TEMP1
TEMP1 analog supply
1.71
1.8
1.89
V
VPP
eFuse ROM programming supply
1.71
1.8
1.89
V
VMON_1P8_MCU
Voltage monitor for 1.8 V MCU power supply
1.71
1.8
1.89
V
VMON_1P8_SOC
Voltage monitor for 1.8 V SoC power supply
1.71
1.8
1.89
V
VDDA_3P3_USB0
USB0 3.3 V analog supply
3.135
3.3
3.465
V
VDDA_3P3_SDIO
SDIO 3.3 V analog supply
3.135
3.3
3.465
V
VMON_3P3_MCU
Voltage monitor for 3.3 V MCU power supply
3.135
3.3
3.465
V
VMON_3P3_SOC
Voltage monitor for 3.3 V SoC power supply
3.135
3.3
3.465
V
VMON_VSYS
Voltage monitor pin
0
see(4)
1
V
USB0_VBUS
USB Level-shifted VBUS Input
0
see(5)
3.465
V
USB0_ID
USB0 analog I/O for RID detection
see(6)
V
VDDSHV_MCU
Dual-voltage IO supply
1.8 V Operation
1.71
1.8
1.89
V
3.3 V Operation
3.135
3.3
3.465
V
VDDSHV0
Dual-voltage IO supply
1.8 V Operation
1.71
1.8
1.89
V
3.3 V Operation
3.135
3.3
3.465
V
VDDSHV1
Dual-voltage IO supply
1.8 V Operation
1.71
1.8
1.89
V
3.3 V Operation
3.135
3.3
3.465
V
VDDSHV2
Dual-voltage IO supply
1.8 V Operation
1.71
1.8
1.89
V
3.3 V Operation
3.135
3.3
3.465
V
VDDSHV3
Dual-voltage IO supply
1.8 V Operation
1.71
1.8
1.89
V
3.3 V Operation
3.135
3.3
3.465
V
VDDSHV4
Dual-voltage IO supply
1.8 V Operation
1.71
1.8
1.89
V
3.3 V Operation
3.135
3.3
3.465
V
VDDSHV5
Dual-voltage IO supply
1.8 V Operation
1.71
1.8
1.89
V
3.3 V Operation
3.135
3.3
3.465
V
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com