Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 122 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 118Page - Texas Instruments AM2434...ALV Datasheet HTML 119Page - Texas Instruments AM2434...ALV Datasheet HTML 120Page - Texas Instruments AM2434...ALV Datasheet HTML 121Page - Texas Instruments AM2434...ALV Datasheet HTML 122Page - Texas Instruments AM2434...ALV Datasheet HTML 123Page - Texas Instruments AM2434...ALV Datasheet HTML 124Page - Texas Instruments AM2434...ALV Datasheet HTML 125Page - Texas Instruments AM2434...ALV Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 280 page
background image
7.7 Electrical Characteristics
Note
The interfaces or signals described in the following Electrical Characteristics tables correspond to the
interfaces or signals available when the associated PADCONFIG register is configured for multiplexing
mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a combined PHY and GPIO topology. In this case,
different DC electrical characteristics are specified for the different multiplexing modes (Functions).
7.7.1 I2C Open-Drain, and Fail-Safe (I2C OD FS) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8 V MODE
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.3 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
1.98(2)
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.1 × VDD
(1)
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
µA
VOL
Output Low Voltage
0.2 × VDD
(1)
V
IOL (3)
Low Level Output Current
VOL(MAX)
20
mA
SRI (5)
Input Slew Rate
18f(4)
or
1.8E+6
V/s
3.3 V MODE
(6)
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.25 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
3.63(2)
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.05 × VDD
(1)
mV
IIN
Input Leakage Current.
VI = 3.3 V
or
VI = 0 V
±10
µA
VOL
Output Low Voltage
0.4
V
IOL (3)
Low Level Output Current
VOL(MAX)
20
mA
SRI (5)
Input Slew Rate
33f(4)
or
3.3E+6
8E+7
V/s
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
(2)
This value also defines the Absolute Maximum Ratings value the IO.
(3)
The IOL parameter defines the minimum Low Level Output Current for which the device is able to maintain the specified VOL value.
The value defined by this parameter should be considered the maximum current available to a system implementation which needs to
maintain the specified VOL value for attached components.
(4)
f = toggle frequency of the input signal in Hz.
(5)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
(6)
I2C Hs-mode is not supported when operating the IO in 3.3 V mode.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
122
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com