Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 126 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 126 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 122Page - Texas Instruments AM2434...ALV Datasheet HTML 123Page - Texas Instruments AM2434...ALV Datasheet HTML 124Page - Texas Instruments AM2434...ALV Datasheet HTML 125Page - Texas Instruments AM2434...ALV Datasheet HTML 126Page - Texas Instruments AM2434...ALV Datasheet HTML 127Page - Texas Instruments AM2434...ALV Datasheet HTML 128Page - Texas Instruments AM2434...ALV Datasheet HTML 129Page - Texas Instruments AM2434...ALV Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 280 page
background image
7.7.7 ADC12B Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VADC0_VREFP (1)
Positive Reference Voltage,
ADC0_VREFP
1.71
1.89
V
VADC0_VREFN (1)
Negative Reference Voltage,
ADC0_VREFN
VSS
V
VADC_AIN[7:0]
Analog Input Voltage,
ADC_AIN[7:0], Full-scale
VSS
VDDA_ADC0
V
DNL
Differential Non-Linearity
> -1
+1
LSB
INL
Integral Non-Linearity
-2
+2
LSB
LSBGAIN-ERROR
Gain Error
±10
LSB
LSBOFFSET-ERROR
Offset Error
±5
LSB
SNR
Signal-to-Noise Ratio
Input Signal:
200 kHz sine wave at
-0.5 dB Full Scale
70
dB
THD
Total Harmonic Distortion
Input Signal:
200 kHz sine wave at
-0.5 dB Full Scale
-75
dB
ZADC_AIN[0:7]
Analog Input Impedance,
ADC0_AIN[7:0]
(2)
Ω
IIN
Input Leakage
±10
μA
CSMPL
Sampling Capacitance
5.5
pF
Sampling Dynamics
FSMPL_CLK
ADC0 SMPL_CLK Frequency
60
MHz
tC
Conversion Time
13
ADC0
SMPL_CLK
Cycles
tACQ
Acquisition Time
2
257
ADC0
SMPL_CLK
Cycles
TR
Sampling Rate
ADC0 SMPL_CLK
= 60 MHz
4
MSPS
General Purpose Input Mode (3)
VIL
Input Low Voltage
0.35 ×
VDDA_ADC0
V
VILSS
Input Low Voltage Steady State
0.35 ×
VDDA_ADC0
V
VIH
Input High Voltage
0.65 ×
VDDA_ADC0
V
VIHSS
Input High Voltage Steady State
0.65 ×
VDDA_ADC0
V
VHYS
Input Hysteresis Voltage
200
mV
II
Input Leakage Current
ADC0_AIN[7:0] =
VDDA_ADC0
or
ADC0_AIN[7:0] = VSS
2
μA
(1)
The ADC0_REFP and ADC0_REFN reference inputs are analog inputs which must be treated like high transient power supply rails.
ADC0_REFN is expected to be connected directly to the PCB ground plane along with all other VSS pins, and ADC0_REFP is
connected to a power source capable of providing at least 4 mA of current. ADC0_REFP can be connected to the same power source
as VDDA_ADC0 if the voltage tolerance of the supply provides an acceptable accuracy for the ADC reference. A high frequency
decoupling capacitor must be connected directly to the ADC0_REFP and ADC0_REFN pins with vias and be placed in the ball array
on the back side of the PCB.
(2)
The ADC0_AIN pins are connected to an internal sampling capacitor for a user configurable acquisition time and acquisition frequency.
The input impedance of the ADC0_AIN pins is a function of the sampling capacitance along with user configurable acquisition time and
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
126
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com