Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 148 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 144Page - Texas Instruments AM2434...ALV Datasheet HTML 145Page - Texas Instruments AM2434...ALV Datasheet HTML 146Page - Texas Instruments AM2434...ALV Datasheet HTML 147Page - Texas Instruments AM2434...ALV Datasheet HTML 148Page - Texas Instruments AM2434...ALV Datasheet HTML 149Page - Texas Instruments AM2434...ALV Datasheet HTML 150Page - Texas Instruments AM2434...ALV Datasheet HTML 151Page - Texas Instruments AM2434...ALV Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 280 page
background image
7.10.4.2 Output Clocks
The device provides several system clock outputs. Summary of these output clocks are as follows:
• MCU_SYSCLKOUT0
– MCU_SYSCLKOUT0 is the MCU domain system clock (MCU_SYSCK0) divided-by-4. This clock output is
provided for test and debug purposes only.
• MCU_OBSCLK0
– Observation clock output for test and debug purposes only.
• SYSCLKOUT0
– SYSCLKOUT0 is the MAIN domain system clock (MAIN_SYSCLK0) divided-by-4. This clock output is
provided for test and debug purposes only.
• CLKOUT0
– CLKOUT0 is the Ethernet subsystem clock (MAIN_PLL0_HSDIV4_CLKOUT) divided-by-5 or divided-
by-10. This clock output was provided to source to the external PHY. When configured to operate as
the RMII Clock source (50 MHz) the signal must also be routed back to the RMII_REF_CLK pin for proper
device operation.
• OBSCLK0
– Observation clock output for test and debug purposes only.
• GPMC_FCLK_MUX
– GPMC_FCLK_MUX is the GPMC0 functional clock (GPMC_FCLK). This clock is provided as an
alternative GPMC interface clock when attached devices require a continuous running clock.
For more information, see Clock Outputs section in Clocking chapter and GPMC Clock Configuration section in
Peripherals chapter in the device TRM.
7.10.4.3 PLLs
Power is supplied to the Phase-Locked Loop circuits (PLLs) by internal regulators that derive their power from
off-chip power-sources.
There is one PLL in the MCU domain:
• MCU0_PLL
There are six PLLs in the MAIN domain:
• ARM0_PLL
• MAIN_PLL
• PER0_PLL
• PER1_PLL
• DDR PLL
• R5F PLL
Note
For more information, see:
• Device Configuration / Clocking / PLLs section in the device TRM.
• Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem - Gigabit
(PRU_ICSSG) section in the device TRM.
Note
The input reference clock (MCU_OSC0_XI / MCU_OSC0_XO) is specified and the lock time is
ensured by the PLL controller, as documented in the Device Configuration chapter in the device TRM.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
148
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com