Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 149 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 149 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 145Page - Texas Instruments AM2434...ALV Datasheet HTML 146Page - Texas Instruments AM2434...ALV Datasheet HTML 147Page - Texas Instruments AM2434...ALV Datasheet HTML 148Page - Texas Instruments AM2434...ALV Datasheet HTML 149Page - Texas Instruments AM2434...ALV Datasheet HTML 150Page - Texas Instruments AM2434...ALV Datasheet HTML 151Page - Texas Instruments AM2434...ALV Datasheet HTML 152Page - Texas Instruments AM2434...ALV Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 280 page
background image
7.10.5 Peripherals
7.10.5.1 CPSW3G
For more details about features and additional description information on the device Gigabit Ethernet MAC, see
the corresponding subsections within Signal Descriptions and Detailed Description sections.
Note
CPSW3G MDIO0, CPSW3G RMII1, CPSW3G RMII2, and CPSW3G RGMII1 have one or more
signals which can be multiplexed to more than one pin. Timing requirements and switching
characteristics defined in this section are only valid for specific pin combinations known as IOSETs.
Valid pin combinations or IOSETs for these interfaces can be found in the tables of the CPSW3G
IOSETs section.
7.10.5.1.1 CPSW3G MDIO Timing
Table 7-19, Table 7-20, Table 7-21, and Figure 7-22 present timing conditions, requirements, and switching
characteristics for CPSW3G MDIO.
Table 7-19. CPSW3G MDIO Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
10
470
pF
Table 7-20. CPSW3G MDIO Timing Requirements
see Figure 7-22
NO.
PARAMETER
MIN
MAX
UNIT
MDIO1 tsu(MDIO_MDC)
Setup time, MDIO[x]_MDIO valid before MDIO[x]_MDC high
90
ns
MDIO2 th(MDC_MDIO)
Hold time, MDIO[x]_MDIO valid after MDIO[x]_MDC high
0
ns
Table 7-21. CPWS3G MDIO Switching Characteristics
see Figure 7-22
NO.
PARAMETER
MIN
MAX
UNIT
MDIO3 tc(MDC)
Cycle time, MDIO[x]_MDC
400
ns
MDIO4 tw(MDCH)
Pulse Duration, MDIO[x]_MDC high
160
ns
MDIO5 tw(MDCL)
Pulse Duration, MDIO[x]_MDC low
160
ns
MDIO7 td(MDC_MDIO)
Delay time, MDIO[x]_MDC low to MDIO[x]_MDIO valid
-150
150
ns
MDIO3
MDIO1
MDIO2
MDIO7
MDIO4
MDIO5
MDIO[x]_MDC
MDIO[x]_MDIO
(input)
MDIO[x]_MDIO
(output)
CPSW2G_MDIO_TIMING_01
Figure 7-22. CPSW3G MDIO Timing Requirements and Switching Characteristics
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
149
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com