Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 249 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 249 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 245Page - Texas Instruments AM2434...ALV Datasheet HTML 246Page - Texas Instruments AM2434...ALV Datasheet HTML 247Page - Texas Instruments AM2434...ALV Datasheet HTML 248Page - Texas Instruments AM2434...ALV Datasheet HTML 249Page - Texas Instruments AM2434...ALV Datasheet HTML 250Page - Texas Instruments AM2434...ALV Datasheet HTML 251Page - Texas Instruments AM2434...ALV Datasheet HTML 252Page - Texas Instruments AM2434...ALV Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 280 page
background image
8.4.2 Peripherals
8.4.2.1 ADC
The analog-to-digital converter (ADC) module is a single-channel general purpose analog-to-digital converter
with an 8-input analog multiplexer, which supports 12-bit conversion samples from an analog front end (AFE).
There is one ADC module in the device.
Note
The AM243x_ALX package only supports 10-bit conversions.
For more information, see Analog-to-Digital Converter (ADC) section in Peripherals chapter in the device TRM.
8.4.2.2 DCC
The Dual Clock Comparator (DCC) is used to determine the accuracy of a clock signal during the time
execution of an application. Specifically, the DCC is designed to detect drifts from the expected clock frequency.
The desired accuracy can be programed based on calculation for each application. The DCC measures the
frequency of a selectable clock source using another input clock as a reference.
The device has seven instances of DCC modules.
For more information, see Dual Clock Comparator (DCC) section in Peripherals chapter in the device TRM.
8.4.2.3 Dual Date Rate (DDR) External Memory Interface (DDRSS)
Integrated in MAIN domain: one instance of DDR Subsystem (DDRSS) is used as an interface to external RAM
devices which can be utilized for storing program or data. DDRSS provides the following main features:
• Support of DDR4 / LPDDR4 memory types
• 16-bit memory bus interface with in-line ECC
• System bus interface: little Endian only with 128-bit data width
• Configuration bus Interface: little Endian only with 32-bit data width
• Support of dual rank configuration
• Support of automatic idle power saving mode when no or low activity is detected
• Class of Service (CoS) - three latency classes supported
• Prioritized refresh scheduling
• Statistical counters for performance management
For more information, see DDR Subsystem (DDRSS) section in Peripherals chapter in the device TRM.
8.4.2.4 ECAP
This section describes the Enhanced Capture (ECAP) module for the device.
For more information, see Enhanced Capture (ECAP) Module section in Peripherals chapter in the device TRM.
8.4.2.5 EPWM
An effective PWM peripheral must be able to generate complex pulse width waveforms with minimal CPU
overhead or intervention. It needs to be highly programmable and very flexible while being easy to understand
and use. The EPWM unit described here addresses these requirements by allocating all needed timing and
control resources on a per PWM channel basis. Cross coupling or sharing of resources has been avoided;
instead, the EPWM is built up from smaller single channel modules with separate resources and that can
operate together as required to form a system. This modular approach results in an orthogonal architecture and
provides a more transparent view of the peripheral structure, helping users to understand its operation quickly.
In the further description the letter x within a signal or module name is used to indicate a generic EPWM instance
on a device. For example, output signals EPWMxA and EPWMxB refer to the output signals from the EPWM_x
instance. Thus, EPWM1A and EPWM1B belong to EPWM1, EPWM2A and EPWM2B belong to EPWM2, and so
forth.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
249
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com