Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 251 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 251 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 247Page - Texas Instruments AM2434...ALV Datasheet HTML 248Page - Texas Instruments AM2434...ALV Datasheet HTML 249Page - Texas Instruments AM2434...ALV Datasheet HTML 250Page - Texas Instruments AM2434...ALV Datasheet HTML 251Page - Texas Instruments AM2434...ALV Datasheet HTML 252Page - Texas Instruments AM2434...ALV Datasheet HTML 253Page - Texas Instruments AM2434...ALV Datasheet HTML 254Page - Texas Instruments AM2434...ALV Datasheet HTML 255Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 280 page
background image
These are commonly called the quadrature QEPA and QEPB signals. The clockwise direction for most encoders
is defined as the QEPA channel going positive before the QEPB channel and vice versa.
The encoder wheel typically makes one revolution for every revolution of the motor or the wheel can be at a
geared rotation ratio with respect to the motor. Therefore, the frequency of the digital signal coming from the
QEPA and QEPB outputs varies proportionally with the velocity of the motor. For example, a 2000-line encoder
directly coupled to a motor running at 5000 revolutions per minute (rpm) results in a frequency of 166.6 KHz, so
by measuring the frequency of either the QEPA or QEPB output, the processor can determine the velocity of the
motor.
For more information, see Enhanced Quadrature Encoder Pulse (EQEP) Module section in Peripherals chapter
in the device TRM.
8.4.2.10 GPMC
The GPMC module supports the following features:
• Data path to external memory device can be 32, 16 or 8 bits wide
• Support for the following memory types:
– Asynchronous or synchronous 8-bit memory or device (non-burst device)
– Asynchronous or synchronous 16-bit memory or device
– Asynchronous or synchronous 32-bit memory or device
– 16-bit non-multiplexed NOR Flash device
– 16-bit address and 32-bit address and data multiplexed NOR Flash device
– 8-bit and 16-bit NAND flash device
– 16-bit and 32bit pSRAM device
• Supports Error Code detection using BCH code (t=4, 8 or 16) or Hamming code for 8-bit or 16-bit NAND-
flash, organized with page size of 512 Byte, 1Kbytes, or more. • Supports 1 GByte maximum addressing
capability, which can be divided into 8 independent chip-select with programmable bank size and base
address on 16 MByte, 32 MByte, 64 MByte, or 128 MByte boundary.
• Fully-pipelined operation for optimal memory bandwidth usage
• Supports external device clock frequency of /1, /2, /3, and /4 divide of interface clock
• Supports programmable auto-clock gating when there is no access
• Supports MIdlereq/SIdleAck protocol
• Supports the following interface protocols when communicating with external memory or external devices:
– Asynchronous read/write access
– Asynchronous read page access (4-8-16 Word16), 4-8-16 Word32
– Synchronous read/write access
– Synchronous read burst access without wrap capability (4-8-16-32 Word16, 4-8-16 Word32)
– Synchronous read burst access with wrap capability (4-8-16-32 Word16, 4-8-16 Word32)
• Address and data multiplexed access
• Each chip-select has independent and programmable control signal timing parameters for Setup and Hold
time. Parameters are set according to the memory device timing parameters, with one interface clock cycle
timing granularity.
• Flexible internal access time control (wait state) and flexible handshake mode using external WAIT pin
• Supports bus keeping
• Supports bus turn around
• Pre-fetch and write posting engine associated with system DMA, to get full performance from NAND device,
and with minimum impact on NOR/SRAM concurrent access monitoring (up to 4 WAIT pins)
For more information, see General-Purpose Memory Controller (GPMC) section in Peripherals chapter in the
device TRM.
8.4.2.11 I2C
The Inter-IC Bus (I2C) interface is implemented using the mshsi2c module. This peripheral implements the
multi-controller I2C bus, which allows serial transfer of 8-bit data to and from other I2C controller and target
devices, through a two-wire interface.
The I2C module supports the following main features:
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
251
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com