Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 36Page - Texas Instruments CC1070-RTR1 Datasheet HTML 37Page - Texas Instruments CC1070-RTR1 Datasheet HTML 38Page - Texas Instruments CC1070-RTR1 Datasheet HTML 39Page - Texas Instruments CC1070-RTR1 Datasheet HTML 40Page - Texas Instruments CC1070-RTR1 Datasheet HTML 41Page - Texas Instruments CC1070-RTR1 Datasheet HTML 42Page - Texas Instruments CC1070-RTR1 Datasheet HTML 43Page - Texas Instruments CC1070-RTR1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
CC1070
SWRS043
Page 40 of 58
best range. The length of the
λ/4-
monopole antenna is given by:
L = 7125 / f
where f is in MHz, giving the length in cm.
An antenna for 868 MHz should be 8.2
cm, and 16.4 cm for 433 MHz.
The antenna should be connected as
close as possible to the IC. If the antenna
is located away from the input pin the
antenna should be matched to the feeding
transmission line (50
Ω).
For a more thorough background on
antennas, please refer to Application Note
AN003 SRD Antennas available from the
Chipcon web site.
24 Configuration Registers
The configuration of
CC1070 is done by
programming
the
8-bit
configuration
registers. The configuration data based on
selected system parameters are most
easily found by using the SmartRF® Studio
software. Complete descriptions of the
registers are given in the following tables.
After a RESET is programmed, all the
registers have default values. The TEST
registers also get default values after a
RESET, and should not be altered by the
user.
Chipcon recommends using the register
settings found using the SmartRF® Studio
software. These are the register settings
that
Chipcon
can
guarantee
across
temperature, voltage and process. Please
check the Chipcon web site for regularly
updates to the SmartRF® Studio software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com