Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 6Page - Texas Instruments CC1070-RTR1 Datasheet HTML 7Page - Texas Instruments CC1070-RTR1 Datasheet HTML 8Page - Texas Instruments CC1070-RTR1 Datasheet HTML 9Page - Texas Instruments CC1070-RTR1 Datasheet HTML 10Page - Texas Instruments CC1070-RTR1 Datasheet HTML 11Page - Texas Instruments CC1070-RTR1 Datasheet HTML 12Page - Texas Instruments CC1070-RTR1 Datasheet HTML 13Page - Texas Instruments CC1070-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
CC1070
SWRS043
Page 10 of 58
4.4 Digital Inputs / Outputs
Parameter
Min
Typ
Max
Unit
Condition / Note
Logic "0" input voltage
0
0.3*
VDD
V
Logic "1" input voltage
0.7*
VDD
VDD
V
Logic "0" output voltage
0
0.4
V
Output current −2.0 mA,
3.0 V supply voltage
Logic "1" output voltage
2.5
VDD
V
Output current 2.0 mA,
3.0 V supply voltage
Logic "0" input current
NA
−1
µA
Input signal equals GND.
PSEL has an internal pull-up
resistor and during configuration
the current will be -350
µA.
Logic "1" input current
NA
1
µA
Input signal equals VDD
DIO setup time
20
ns
TX mode, minimum time DIO
must be ready before the positive
edge of DCLK. Data should be
set up on the negative edge of
DCLK.
DIO hold time
10
ns
TX mode, minimum time DIO
must be held after the positive
edge of DCLK. Data should be
set up on the negative edge of
DCLK.
Serial interface (PCLK, PDI, PDO
and PSEL) timing specification
See Table 11 on page 20 for
more details
PA_EN pin drive
0.90
0.87
0.81
0.69
0.93
0.92
0.89
0.79
mA
mA
mA
mA
mA
mA
mA
mA
Source current
0 V on PA_EN pin
0.5 V on PA_EN pin
1.0 V on PA_EN pin
1.5 V on PA_EN pin
Sink current
3.0 V on PA_EN pin
2.5 V on PA_EN pin
2.0 V on PA_EN pin
1.5 V on PA_EN pin
Table 6. Digital inputs / outputs parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com