Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 49Page - Texas Instruments CC1070-RTR1 Datasheet HTML 50Page - Texas Instruments CC1070-RTR1 Datasheet HTML 51Page - Texas Instruments CC1070-RTR1 Datasheet HTML 52Page - Texas Instruments CC1070-RTR1 Datasheet HTML 53Page - Texas Instruments CC1070-RTR1 Datasheet HTML 54Page - Texas Instruments CC1070-RTR1 Datasheet HTML 55Page - Texas Instruments CC1070-RTR1 Datasheet HTML 56Page - Texas Instruments CC1070-RTR1 Datasheet HTML 57Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
CC1070
SWRS043
Page 55 of 58
25.5 Tray Specification
QFN 5x5 mm standard shipping tray.
Tray Specification
Package
Tray Width
Tray Height
Tray Length
Units per Tray
QFN 20
135.9 mm
7.62 mm
315 mm
490
25.6 Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QFN 20
12 mm
8 mm
4 mm
13”
5000
26 Ordering Information
Ordering part number
Description
MOQ
1137
CC1070-RTY1
CC1070, QFN20 package, RoHS compliant Pb-free assembly,
tray with 490 pcs per tray, Single Chip RF transmitter.
490
1138
CC1070-RTR1
CC1070, QFN20 package, RoHS compliant Pb-free assembly,
T&R with 5000 pcs per reel, Single Chip RF transmitter.
5000
1115
CC1020_1070DK-433
CC1020/1070 Development Kit, 433 MHz
1
1116
CC1020_1070DK-868/915
CC1020/1070 Development Kit, 868/915 MHz
1
1161
CC1070SK RoHS
CC1070 Sample Kit, QFN20 package, RoHS compliant Pb-
free assembly, 5 pcs
1
MOQ = Minimum Order Quantity
T&R = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com