Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 10Page - Texas Instruments CC1070-RTR1 Datasheet HTML 11Page - Texas Instruments CC1070-RTR1 Datasheet HTML 12Page - Texas Instruments CC1070-RTR1 Datasheet HTML 13Page - Texas Instruments CC1070-RTR1 Datasheet HTML 14Page - Texas Instruments CC1070-RTR1 Datasheet HTML 15Page - Texas Instruments CC1070-RTR1 Datasheet HTML 16Page - Texas Instruments CC1070-RTR1 Datasheet HTML 17Page - Texas Instruments CC1070-RTR1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
CC1070
SWRS043
Page 14 of 58
achieve the optimum performance for
narrowband
applications.
Chipcon
provides a reference design that should be
followed very closely.
CC1070
PCLK
DI
PDI
PDO
DVDD
R_BIAS
RF_OUT
AVDD
PA_EN
AVDD
DVDD=3V
1
2
3
4
AVDD=3V
LC filter
Monopole antenna
(50 Ohm)
AVDD=3V
DVDD=3V
AVDD=3V
5
11
12
13
14
15
XTAL
R1
R3
L2
C4
C5
C7
C8
C6
C3
AVDD=3V
R2
C60
R6
C2
Figure 3. Typical application and test circuit (power supply decoupling not shown)
Ref
Description
C2
PA match, see page 26
C3
PA output match and dc block, see page 26
C4
Crystal load capacitor, see page 34
C5
Crystal load capacitor, see page 34
C6
PLL loop filter capacitor
C7
PLL loop filter capacitor (may be omitted for highest loop bandwidth)
C8
PLL loop filter capacitor (may be omitted for highest loop bandwidth)
C60
Decoupling capacitor
L2
PA match and DC bias (supply voltage), see page 26
R1
Precision resistor for current reference generator
R2
PLL loop filter resistor
R3
PLL loop filter resistor
R6
PA output match, see page 26
XTAL
Crystal, see page 34
Table 9. Overview of external components (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com