Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 11Page - Texas Instruments CC1070-RTR1 Datasheet HTML 12Page - Texas Instruments CC1070-RTR1 Datasheet HTML 13Page - Texas Instruments CC1070-RTR1 Datasheet HTML 14Page - Texas Instruments CC1070-RTR1 Datasheet HTML 15Page - Texas Instruments CC1070-RTR1 Datasheet HTML 16Page - Texas Instruments CC1070-RTR1 Datasheet HTML 17Page - Texas Instruments CC1070-RTR1 Datasheet HTML 18Page - Texas Instruments CC1070-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
CC1070
SWRS043
Page 15 of 58
Item
433 MHz
868 MHz
915 MHz
C2
2.2 pF, 5%, NP0, 0402
1.5 pF, 5%, NP0, 0402
1.5 pF, 5%, NP0, 0402
C3
5.6 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
C4
22 pF, 5%, NP0, 0402
22 pF, 5%, NP0, 0402
22 pF, 5%, NP0, 0402
C5
12 pF, 5%, NP0, 0402
12 pF, 5%, NP0, 0402
12 pF, 5%, NP0, 0402
C6
220 nF, 10%, X7R, 0603
100 nF, 10%, X7R, 0603
100 nF, 10%, X7R, 0603
C7
8.2 nF, 10%, X7R, 0402
3.9 nF, 10%, X7R, 0402
3.9 nF, 10%, X7R, 0402
C8
2.2 nF, 10%, X7R, 0402
1.0 nF, 10%, X7R, 0402
1.0 nF, 10%, X7R, 0402
C60
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
L2
22 nH, 5%, 0402
6.8 nH, 5%, 0402
6.8 nH, 5%, 0402
R1
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
R2
1.5 k
Ω, 5%, 0402
2.2 k
Ω, 5%, 0402
2.2 k
Ω, 5%, 0402
R3
4.7 k
Ω, 5%, 0402
6.8 k
Ω, 5%, 0402
6.8 k
Ω, 5%, 0402
R6
82
Ω, 5%, 0402
82
Ω, 5%, 0402
82
Ω, 5%, 0402
XTAL
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
Note: Items shaded vary for different frequencies. For 433 MHz, 12.5 kHz channel, a loop filter with
lower bandwidth is used to improve adjacent and alternate channel rejection.
Table 10. Bill of materials for the application circuit in Figure 3
Note:
The PLL loop filter component values in
Table 10 (R2, R3, C6-C8) can be used for
data rates up to 4.8 kBaud. The SmartRF®
Studio
software
provides
component
values for other data rates using the
equations on page 29.
In the CC1070EM reference design
LQG15HS series inductors from Murata
have been used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com