Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 45Page - Texas Instruments CC1070-RTR1 Datasheet HTML 46Page - Texas Instruments CC1070-RTR1 Datasheet HTML 47Page - Texas Instruments CC1070-RTR1 Datasheet HTML 48Page - Texas Instruments CC1070-RTR1 Datasheet HTML 49Page - Texas Instruments CC1070-RTR1 Datasheet HTML 50Page - Texas Instruments CC1070-RTR1 Datasheet HTML 51Page - Texas Instruments CC1070-RTR1 Datasheet HTML 52Page - Texas Instruments CC1070-RTR1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
CC1070
SWRS043
Page 49 of 58
PA_POWER Register (1Ch)
REGISTER
NAME
Default
value
Active
Description
PA_POWER[7:4]
PA_HIGH [3:0]
0
-
Controls output power in high-power array
0: High-power array is off
1: Minimum high-power array output power
15: Maximum high-power array output power
PA_POWER[3:0]
PA_LOW[3:0]
15
-
Controls output power in low-power array
0: Low-power array is off
1: Minimum low-power array output power
15: Maximum low-power array output power
It is more efficient in terms of current consumption to use
either the lower or upper 4-bits in the PA_POWER
register to control the power.
POWERDOWN Register (20h)
REGISTER
NAME
Default
value
Active
Description
POWERDOWN[7]
PA_PD
0
H
Sets PA in power-down when PD_MODE[1:0]=2
POWERDOWN[6]
VCO_PD
0
H
Sets VCO in power-down when PD_MODE[1:0]=2
POWERDOWN[5]
BUFF_PD
0
H
Sets VCO divider, LO buffers and prescaler in power-down
when PD_MODE[1:0]=2
POWERDOWN[4]
CHP_PD
0
H
Sets charge pump in power-down when PD_MODE[1:0]=2
POWERDOWN[3]
-
reserved
POWERDOWN[2]
-
reserved
POWERDOWN[1]
-
reserved
POWERDOWN[0]
-
reserved
TEST1 Register (21h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST1[7:4]
CAL_DAC_OPEN[3:0]
4
-
Calibration DAC override value, active when
BREAK_LOOP=1
TEST1[3:0]
CHP_CO[3:0]
13
-
Charge pump current override value
TEST2 Register (22h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST2[7]
BREAK_LOOP
0
H
0: PLL loop closed
1: PLL loop open
TEST2[6]
CHP_OVERRIDE
0
H
0: use calibrated value
1: use CHP_CO[3:0] value
TEST2[5]
VCO_OVERRIDE
0
H
0: use calibrated value
1: use VCO_AO[4:0] value
TEST2[4:0]
VCO_AO[4:0]
16
-
VCO_ARRAY override value
TEST3 Register (23h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST3[7]
VCO_CAL_MANUAL
0
H
Enables “manual” VCO calibration (test only)
TEST3[6]
VCO_CAL_OVERRIDE
0
H
Override VCO current calibration
0: Use calibrated value
1: Use VCO_CO[5:0] value
VCO_CAL_OVERRIDE controls VCO_CAL_CLK if
VCO_CAL_MANUAL=1. Negative transitions are then
used to sample VCO_CAL_COMP.
TEST3[5:0]
VCO_CO[5:0]
6
-
VCO_CAL_CURRENT override value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com