Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 47Page - Texas Instruments CC1070-RTR1 Datasheet HTML 48Page - Texas Instruments CC1070-RTR1 Datasheet HTML 49Page - Texas Instruments CC1070-RTR1 Datasheet HTML 50Page - Texas Instruments CC1070-RTR1 Datasheet HTML 51Page - Texas Instruments CC1070-RTR1 Datasheet HTML 52Page - Texas Instruments CC1070-RTR1 Datasheet HTML 53Page - Texas Instruments CC1070-RTR1 Datasheet HTML 54Page - Texas Instruments CC1070-RTR1 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
CC1070
SWRS043
Page 51 of 58
RESET_DONE Register (41h, read only, test only)
REGISTER
NAME
Default
value
Active
Description
RESET_DONE[7]
-
reserved
RESET_DONE[6]
-
reserved
RESET_DONE[5]
GAUSS_RESET_DONE
-
H
Reset of Gaussian data filter done
RESET_DONE[4]
-
reserved
RESET_DONE[3]
PN9_RESET_DONE
-
H
Reset of PN9 PRBS generator
RESET_DONE[2]
SYNTH_RESET_DONE
-
H
Reset digital part of frequency synthesizer
done
RESET_DONE[1]
-
reserved
RESET_DONE[0]
CAL_LOCK_RESET_DONE
-
H
Reset of calibration logic and lock detector
done
STATUS1 Register (45h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS1[7:4]
CAL_DAC[3:0]
-
-
Status vector defining applied Calibration DAC value
STATUS1[3:0]
CHP_CURRENT[3:0]
-
-
Status vector defining applied CHP_CURRENT value
STATUS2 Register (46h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS2[7:5]
CC1070_VERSION[2:0]
-
-
CC1070 version code:
0: Pre-production version
1: First production version
2-7: Reserved for future use
STATUS2[4:0]
VCO_ARRAY[4:0]
-
-
Status vector defining applied VCO_ARRAY
value
STATUS3 Register (47h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS3[7]
F_COMP
-
-
Frequency comparator output from phase
detector
STATUS3[6]
VCO_CAL_COMP
-
-
Readout of VCO current calibration comparator
Equals 1 if current defined by
VCO_CURRENT_A/B is larger than the VCO
core current
STATUS3[5:0]
VCO_CAL_CURRENT[5:0]
-
-
Status vector defining applied
VCO_CAL_CURRENT value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com