Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 8Page - Texas Instruments CC1070-RTR1 Datasheet HTML 9Page - Texas Instruments CC1070-RTR1 Datasheet HTML 10Page - Texas Instruments CC1070-RTR1 Datasheet HTML 11Page - Texas Instruments CC1070-RTR1 Datasheet HTML 12Page - Texas Instruments CC1070-RTR1 Datasheet HTML 13Page - Texas Instruments CC1070-RTR1 Datasheet HTML 14Page - Texas Instruments CC1070-RTR1 Datasheet HTML 15Page - Texas Instruments CC1070-RTR1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
CC1070
SWRS043
Page 12 of 58
5
Pin Assignment
Table 8 provides an overview of the
CC1070 pinout.
The
CC1070 comes in a QFN20 type (see
page 52 for details).
PCLK 1AVDD
15
PA_EN
14
AVDD
13
RF_OUT
12
R_BIAS
11
DVDD 5
PDO 4
PDI 3
DI 2
AGND
Exposed die
attached pad
Figure 1.
CC1070 package (top view)
Pin no.
Pin name
Pin type
Description
-
AGND
Ground (analog)
Exposed die attached pad. Must be soldered to a solid ground
plane as this is the ground connection for all analog modules See
page 39 for more details.
1
PCLK
Digital input
Programming clock for SPI configuration interface
2
DI
Digital input
Data input in transmit mode
3
PDI
Digital input
Programming data input for SPI configuration interface
4
PDO
Digital output
Programming data output for SPI configuration interface
5
DVDD
Power (digital)
Power supply (3 V typical) for digital modules and digital I/O
6
DCLK
Digital output
Clock for transmit data
7
LOCK
Digital output
PLL Lock indicator, active low. Output is asserted (low) when PLL
is in lock. The pin can also be used as a general digital output.
8
XOSC_Q1
Analog input
Crystal oscillator or external clock input
9
XOSC_Q2
Analog output
Crystal oscillator
10
AVDD
Power (analog)
Power supply (3 V typical) for crystal oscillator and bias generator
(double bonded).
11
R_BIAS
Analog output
Connection for external precision bias resistor (82 k
Ω, ± 1%)
12
RF_OUT
RF output
RF signal output to antenna
13
AVDD
Power (analog)
Power supply (3 V typical) for LO buffers, prescaler and PA first
stage
14
PA_EN
Digital output
General digital output. Can be used for controlling an external PA,
if higher output power is needed.
15
AVDD
Power (analog)
Power supply (3 V typical) for VCO
16
VC
Analog input
VCO control voltage input from external loop filter
17
AVDD
Power (analog)
Power supply (3 V typical) for charge pump and phase detector
18
CHP_OUT
Analog output
PLL charge pump output to external loop filter
19
DVDD
Power (digital)
Power supply connection (3 V typical) for digital modules
20
PSEL
Digital input
Programming chip select, active low, for configuration interface.
Internal pull-up resistor.
Table 8. Pin assignment overview
Note:
DCLK, DI and LOCK are high-impedance
(3-state) in power down (BIAS_PD = 1 in
the MAIN register).
The exposed die attached pad must be
soldered to solid ground plane as this is
the main ground connection for the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com