Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 21Page - Texas Instruments CC1070-RTR1 Datasheet HTML 22Page - Texas Instruments CC1070-RTR1 Datasheet HTML 23Page - Texas Instruments CC1070-RTR1 Datasheet HTML 24Page - Texas Instruments CC1070-RTR1 Datasheet HTML 25Page - Texas Instruments CC1070-RTR1 Datasheet HTML 26Page - Texas Instruments CC1070-RTR1 Datasheet HTML 27Page - Texas Instruments CC1070-RTR1 Datasheet HTML 28Page - Texas Instruments CC1070-RTR1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
CC1070
SWRS043
Page 25 of 58
12.3 Output Power Programming
The RF output power from the device is
programmable by the 8-bit PA_POWER
register. Figure 12 and Figure 13 shows
the output power and total current
consumption
as
a
function
of
the
PA_POWER register setting. It is more
efficient in terms of current consumption to
use either the lower or upper 4-bits in the
register to control the power, as shown in
the figures. However, the output power
can be controlled in finer steps using all
the available bits in the PA_POWER
register.
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0
1
2
3
4
5
6
7
8
9
0A 0B 0C 0D 0E 0F
50
60
70
80
90
A0 B0
C0 D0
E0
F0
FF
PA_POWER [hex]
Output Pow er
Current Consumption
Figure 12. Output power settings and typical current consumption, 433 MHz
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0
1
2
3
4
5
6
7
8
9
0A
0B 0C 0D 0E 0F
50
60
70
80
90 A0 B0 C0
D0 E0
F0
FF
PA_POWER [hex]
Output Pow er
Current Consumption
Figure 13. Output power settings and typical current consumption, 868 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com