Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 13Page - Texas Instruments CC1070-RTR1 Datasheet HTML 14Page - Texas Instruments CC1070-RTR1 Datasheet HTML 15Page - Texas Instruments CC1070-RTR1 Datasheet HTML 16Page - Texas Instruments CC1070-RTR1 Datasheet HTML 17Page - Texas Instruments CC1070-RTR1 Datasheet HTML 18Page - Texas Instruments CC1070-RTR1 Datasheet HTML 19Page - Texas Instruments CC1070-RTR1 Datasheet HTML 20Page - Texas Instruments CC1070-RTR1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
CC1070
SWRS043
Page 17 of 58
9
Microcontroller Interface
Used in a typical system,
CC1070 will
interface
to
a
microcontroller.
This
microcontroller must be able to:
• Program
CC1070 into different modes
via the 4-wire serial configuration
interface (PDI, PDO, PCLK and PSEL)
• Interface to the synchronous data
signal interface (DI and DCLK)
• Optionally, the microcontroller can do
data encoding
• Optionally, the microcontroller can
monitor the LOCK pin for frequency
lock status or other status information.
Configuration interface
The microcontroller interface is shown in
Figure 5. The microcontroller uses 3 or 4
I/O pins for the configuration interface
(PDI, PDO, PCLK and PSEL). PDO
should be connected to a microcontroller
input. PDI, PCLK and PSEL must be
microcontroller outputs. One I/O pin can
be saved if PDI and PDO are connected
together and a bi-directional pin is used at
the microcontroller.
The microcontroller pins connected to PDI,
PDO and PCLK can be used for other
purposes when the configuration interface
is not used. PDI, PDO and PCLK are high
impedance inputs as long as PSEL is not
activated (active low).
PSEL has an internal pull-up resistor and
should be left open (tri-stated by the
microcontroller) or set to a high level
during power down mode in order to
prevent a trickle current flowing in the pull-
up.
Signal interface
The DI pin is used for data to be
transmitted. DCLK providing the data
timing
should
be
connected
to
a
microcontroller input.
PLL lock signal
Optionally, one microcontroller pin can be
used to monitor the LOCK signal. This
signal is at low logic level when the PLL is
in lock. It can also be used to monitor
other internal test signals.
CC1070
PDI
PCLK
PSEL
DI
LOCK
Micro-
controller
DCLK
(Optional)
PDO
(Optional)
CC1070
PDI
PCLK
PSEL
DI
LOCK
Micro-
controller
DCLK
(Optional)
PDO
(Optional)
Figure 5. Microcontroller interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com