Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 38Page - Texas Instruments CC1070-RTR1 Datasheet HTML 39Page - Texas Instruments CC1070-RTR1 Datasheet HTML 40Page - Texas Instruments CC1070-RTR1 Datasheet HTML 41Page - Texas Instruments CC1070-RTR1 Datasheet HTML 42Page - Texas Instruments CC1070-RTR1 Datasheet HTML 43Page - Texas Instruments CC1070-RTR1 Datasheet HTML 44Page - Texas Instruments CC1070-RTR1 Datasheet HTML 45Page - Texas Instruments CC1070-RTR1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
CC1070
SWRS043
Page 42 of 58
MAIN Register (00h)
REGISTER
NAME
Default
value
Active
Description
MAIN[7]
-
1
-
reserved
MAIN[6]
F_REG
-
-
Selection of Frequency Register, 0: Register A, 1: Register B
MAIN[5:4]
PD_MODE[1:0]
-
-
Power down mode
0 (00): Normal operation
1 (01): PA in power-down.
2 (10): Individual modules can be put in power-down by
programming the POWERDOWN register
3 (11): reserved
MAIN[3]
FS_PD
-
H
Power Down of Frequency Synthesizer
MAIN[2]
XOSC_PD
-
H
Power Down of Crystal Oscillator Core
MAIN[1]
BIAS_PD
-
H
Power Down of BIAS (Global Current Generator)
and Crystal Oscillator Buffer
MAIN[0]
RESET_N
-
L
Reset, active low. Writing RESET_N low will write default values to
all other registers than MAIN. Bits in MAIN do not have a default
value and will be written directly through the configuration
interface. Must be set high to complete reset.
INTERFACE Register (01h)
REGISTER
NAME
Default
value
Active
Description
INTERFACE[7]
XOSC_BYPASS
0
H
Bypass internal crystal oscillator, use external clock
0: Internal crystal oscillator is used, or external sine wave fed
through a coupling capacitor
1: Internal crystal oscillator in power down, external clock
with rail-to-rail swing is used
INTERFACE[6]
-
reserved
INTERFACE[5]
DCLK_LOCK
0
H
Gate DCLK signal with PLL lock signal in synchronous mode
Only applies when PD_MODE = “01”
0: DCLK is always 1
1: DCLK is always 1 unless PLL is in lock
INTERFACE[4]
-
reserved
INTERFACE[3]
EXT_PA
0
H
Use PA_EN pin to control external PA
0: PA_EN pin always equals EXT_PA_POL bit
1: PA_EN pin is asserted when internal PA is turned on
INTERFACE[2]
-
reserved
INTERFACE[1]
EXT_PA_POL
0
H
Polarity of external PA control
0: PA_EN pin is “0” when activating external PA
1: PA_EN pin is “1” when activating external PA
INTERFACE[0]
-
reserved
RESET Register (02h)
REGISTER
NAME
Default
value
Active
Description
RESET[7]
-
reserved
RESET[6]
-
reserved
RESET[5]
GAUSS_RESET_N
0
L
Reset Gaussian data filter
RESET[4]
reserved
RESET[3]
PN9_RESET_N
0
L
Reset modulator and PN9 PRBS generator
RESET[2]
SYNTH_RESET_N
0
L
Reset digital part of frequency synthesizer
RESET[1]
-
reserved
RESET[0]
CAL_LOCK_RESET_N
0
L
Reset calibration logic and lock detector
Note: For reset of CC1070 write RESET_N=0 in the MAIN register. The RESET register should not be
used during normal operation
Bits in the RESET register are self-clearing (will be set to 1 when the reset operation starts). Relevant
digital clocks must be running for the resetting to complete. After writing to the RESET register, the user
should verify that all reset operations have been completed, by reading the RESET_DONE status
register (41h) until all bits equal 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com