Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 2 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 2 Page - SINOWEALTH Electronic Ltd

  SH79F6488P/080PR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 152 page
background image
SH79F6488/SH79F6489
2
3.
Block Diagram
Pipelined 8051 architecture
Reset circuit
VDD
Power
Watch Dog
Port 1
Configuration I/O
P1.0 - P1.7
Port 0
Configuration I/O
RESET
EUART
PGA
JTAG ports
(for debug)
64K Bytes
Flash ROM
Internal 256 Bytes
External 2304 Bytes
EEPROM 2048 Byte
Internal Oscillator
12MHz RC
External Interrupt
P0.0 - P0.7
VDDR
AGND
OP
20-bit ADC
12-bit PWM0
12-bit PWM1
12-bit PWM2
XTAL1
XTAL2
Timer2 (16bit)
Timer3 (16bit)
Timer4(16bit)
Base Timer
GND
Port 2
Configuration I/O
P2.0 - P2.7
Port 3
Configuration I/O
P3.0 - P3.7
Port 4
Configuration I/O
P4.0 - P4.7
Port 5
Configuration I/O
P5.0 - P5.7
Port 6
Configuration I/O
P6.0 - P6.7
Port 7
Configuration I/O
P7.0 - P7.7
Port 8
Configuration I/O
P8.0 - P8.7
Regulator
SPI
LCD Driver
4 X 36, 5 X 35, 6 X 34
XTALX1
XTALX2
Oscillator
48MHz PLL
USB
(for SH79F6489)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com