Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 30 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 30 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
SH79F6488/SH79F6489
30
Table 7.7 Offset of Flash Memory for Programming
FBH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_OFFSET
IB_OFF
SET.7
IB_OFF
SET.6
IB_OFF
SET.5
IB_OFF
SET.4
IB_OFF
SET.3
IB_OFF
SET.2
IB_OFF
SET.1
IB_OFF
SET.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_OFFSET[7:0] Address of Offset of the flash memory sector to be programmed
IB_OFFSET[7:0] are total 8 bits, stored all EEPROM-like sectors within the 256 bytes offset.
(2) Data Register for Programming
Table 7.8 Data Register for Programming
FCH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_DATA
IB_DATA.7 IB_DATA.6 IB_DATA.5 IB_DATA.4 IB_DATA.3 IB_DATA.2 IB_DATA.1 IB_DATA.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_DATA[7:0]
Data to be programmed
(3) SSP Type select Register
Table 7.9 SSP Type select Register
F2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_CON1
IB_CON1.7 IB_CON1.6 IB_CON1.5 IB_CON1.4 IB_CON1.3 IB_CON1.2 IB_CON1.1 IB_CON1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_CON1[7:0]
SSP Type select
0xE6: Sector Erase
0x6E: Sector Programming
(4) SSP Flow Control Register
Table 7.10 SSP Flow Control Register1
F3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_CON2
-
-
-
-
IB_CON2.3 IB_CON2.2 IB_CON2.1 IB_CON2.0
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
3-0
IB_CON2[3:0]
Must be 05H, else Flash Programming will terminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com