Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 74 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 74 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 152 page
background image
SH79F6488/SH79F6489
74
Registers
Table 8.2 LCD Control Register
ABH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCON
LCDON
MOD1
MOD0
-
DUTY1
DUTY0
-
-
R/W
R/W
R/W
R/W
-
R/W
R/W
-
-
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
-
0
0
-
-
Bit Number
Bit Mnemonic
Description
7
LCDON
LCD control bit
0: turn off LCD driver
1: turn on LCD driver
6-5
MOD[1:0]
LCD Drive mode selection bits
00: traditional mode, bias resistor sum is 150K
01: traditional mode, bias resistor sum is 20K
10: fast charge mode, bias resistor sum switch between 20K and 150K
11: SLP LCD
3-2
DUTY[1:0]
LCD duty selection bits
00: 1/4 duty
01: 1/5 duty
10: 1/6 duty
11: 1/4 duty
Table 8.3 LCD CONTRAST Register
AAH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LCDCON1
FCMOD
-
FCCTL1
FCCTL0
-
-
CONTR1
CONTR0
R/W
R/W
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
FCMOD
Fast charge mode control bit
0: fast charge modeA
1: fast charge modeB
5-4
FCCTL[1:0]
Fast charge time control bits
00: 1/4 LCD com period
01: 1/8 LCD com period
10: 1/16 LCD com period
11: 1/32 LCD com period
1-0
CONTR[1:0]
LCD Contrast control
00: VLCD = 0.60VDD
01: VLCD = 0.75VDD
10: VLCD = 0.85VDD
11: VLCD = 1.00VDD
Note: In SLPLCD mode, the operation of FCCTL, DUTY, CONTR registers will have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com