Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 35 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 35 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
SH79F6488/SH79F6489
35
7.5.3 Description
SH79F6488/SH79F6489 has four oscillator types: 32.768kHz crystal oscillator, crystal/ceramic oscillator, PLL and internal RC
(12MHz), which is selected by code option OP_OSC (Refer to code option section for details). SH79F6488/SH79F6489 have 4
Oscillator pin (XTAL1, XTAL2, XTALX1, XTALX2) and can generates one or two clock sources from four oscillator types. It is
selected by code option OP_OSC (Refer to code option section for details). The oscillator generates the basic clock pulse that
provides the system clock to supply CPU and on-chip peripherals.
When OSC1CLK is used as OSCSCLK (FS = 0), and the system enters Power-down mode, OSC1CLK and OSC2CLK will shut
down. If base timer or LCD worked, OSC1CLK will not shut down, but OSC2CLK will.
When OSC2CLK is used as OSCSCLK (FS = 0), and the system enters Power-down mode, OSC2CLK will shut down.
OSC1CLK will work for on-chip peripherals (Timer3,base timer and so on)
Internal 12MHz RC support hardware or software adjustion. When CLKRCEN = 0, internal RC is adjusted by hardware.
CLKRCEN = 1, internal RC is adjusted by software, by modifying the CLKRC0 register values to adjust the RC frequency.
CLKRC1 is the initial adjustion value. When adjust the RC oscillation frequency deviation is larger, users can get correction
initial value by read-only register CLKRC1.
7.5.4 Registers
Table 7.15 System Clock Control Register
B2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKCON
32k_SPDUP
CLKS1
CLKS0
SCMIF
OSC2ON
FS
-
-
R/W
R/W
R/W
R/W
R
R/W
R/W
-
-
Reset Value
(POR/WDT/LVR/PIN)
1
1
1
0
0
0
-
-
Bit Number
Bit Mnemonic
Description
7
32k_SPDUP
32.768kHz oscillator speed up mode control bit
0: 32.768kHz oscillator normal mode, cleared by software.
1: 32.768kHz oscillator speed up mode, set by hardware or software.
This control bit is set by hardware automatically in all kinds of RESET such as
Power on reset, watch dog reset etc. to speed up the 32.768kHz Oscillator
oscillating, shorten the 32.768kHz oscillator start-oscillating time.
And this bit also can be set or cleared by software if necessary. Such as set before
entering Power-down mode and cleared when Power-down mode wakes up.
It should be noticed that turning off 32.768kHz oscillator speed up (clear this bit)
could reduce the system power consumption.
Only when code option OP_OSC is 1010 or 1101, this bit is valid. (32.768kHz
oscillator is selected, Refer to code option section for details)
6-5
CLKS[1:0]
SYSCLK Prescaler Register
00: fSYS = fOSCS
01: fSYS = fOSCS/2
10: fSYS = fOSCS/4
11: fSYS = fOSCS/12
If 32.768kHz oscillator is selected as OSCSCLK, these control bits is invalid.
3
OSC2ON
OSC2CLK On control Register
0: Cleared to turn off OSC2CLK
1: Set to turn on OSC2CLK
2
FS
Frequency Select Register
0: OSC1CLK is selected as OSCSCLK
1: OSC2CLK is selected as OSCSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com