Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 36 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 36 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 152 page
background image
SH79F6488/SH79F6489
36
Table 7.16 PLL Clock Control Register
B3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PLLCON
-
-
-
-
-
-
PLLON
PLLFS
R/W
-
-
-
-
-
-
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
0
0
Bit Number
Bit Mnemonic
Description
1
PLLON
PLL On control Register
0: PLL off
1: PLL on
Only when OSC2ON = 1, this bit is valid.
0
PLLFS
PLL system clock select Register
0: PLL is not selected as OSC2CLK
1: PLL is selected as OSC2CLK
PLL 1/2 Prescaler frequency used as OSC2CLK, OSC2CLK = 24MHz
Table 7.17 Internal RC adjust control register
BDH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKLO
CLKRCEN
-
-
-
CLKLO.3
CLKLO.2
CLKLO.1
CLKLO.0
R/W
R/W
-
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
-
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
CLKRCEN
Internal RC software adjust control register
0: software adjust disable, adjust by hardware
1: software adjust enable, and CLKRC0 is valid
3-0
CLKLO[3:0]
Internal RC software adjust lock register
Only when CLKLO = 0x8A, CLKRC0 could be modified
Table 7.18 Internal RC adjust register
BEH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKRC0
CLKRC0.7 CLKRC0.6 CLKRC0.5 CLKRC0.4 CLKRC0.3 CLKRC0.2 CLKRC0.1 CLKRC0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
u
u
u
u
u
u
u
u
Bit Number
Bit Mnemonic
Description
7-0
CLKRC0[7:0]
Internal RC adjust register
Only when CLKLO = 0x8A, CLKRC0 could be modified.
Every adjusting range is about 0.25%
Reset value is the factory correction values
Table 7.19 Internal RC initial adjust value register
BFH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKRC1
CLKRC1.7 CLKRC1.6 CLKRC1.5 CLKRC1.4 CLKRC1.3 CLKRC1.2 CLKRC1.1 CLKRC1.0
R/W
R
R
R
R
R
R
R
R
Reset Value
(POR/WDT/LVR/PIN)
u
u
u
u
u
u
u
u
Bit Number
Bit Mnemonic
Description
7-0
CLKRC1[7:0]
Internal RC initial adjust value register
This register is read-only. The data is factory correction values of 12MHz RC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com