Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 70 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 70 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
SH79F6488/SH79F6489
70
7.10.9 External Interrupt Inputs
The SH79F6488/SH79F6489 has 5 external interrupt inputs. External interrupt0-3 each has one vector address. External
interrupt 4 has 7 inputs; all of them share one vector address. These external interrupts can be programmed to be
level-triggered or edge-triggered by clearing or setting bit IT1 or IT0 in register TCON and register EXF1. If ITn = 0 (n = 0 - 1),
external interrupt 0/1 is triggered by a low level detected at the INT0/1 pin. If ITn = 1 (n = 0 - 1), external interrupt 0/1 is edge
triggered. In this mode if consecutive samples of the INT0/1 pin show a high level in one cycle and a low level in the next cycle,
interrupt request flag in register r EXF1 is set, causing an interrupt request. Since the external interrupt pins are sampled once
each machine cycle, an input high or low level should be held for at least one machine cycle to ensure proper sampling.
If the external interrupt is edge-triggered, the external source has to hold the request pin high for at least one machine cycle,
and then hold it low for at least one machine cycle. This is to ensure that the transition is detected and that interrupt request flag
is set. Notice that IE0-1 is automatically cleared by CPU when the service routine is called while IF4x should be cleared by
software. External interrupt4 operates in the similar ways except have different registers and have more selection of trigger.
If the external interrupt is level-triggered, the external source must hold the request active until the requested interrupt is
generated, which will take 2 machine cycles. If the external interrupt is still asserted when the interrupt service routine is
completed, another interrupt will be generated. It is not necessary to clear the interrupt flag IEx (x = 0, 1, 2, 3) when the interrupt
is level sensitive, it simply tracks the input pin level.
If an external interrupt is enabled when the SH79F6488/SH79F6489 is put into Power down or Idle mode, the interrupt
occurrence will cause the processor to wake up and resume operation.
Note: IE0-3 is automatically cleared by CPU when the service routine is called while IF40-47 should be cleared by software.
1 Machine Cyle
>1 Machine Cycle
High-Level Threshold
Low-Level Threshold
Low-Level Threshold
>2 Machine Cycle
External Interrupt Detecting
7.10.10 Interrupt Summary
Source
Vector Address
Enable bits
Flag bits
Polling Priority
Interrupt No. (C51)
Reset
0000H
-
-
0 (higest)
-
INT0
0003H
EX0
IE0
1
0
Timer4
000BH
ET4
TF4
2
1
INT1
0013H
EX1
IE1
3
2
Timer3
001BH
ET3
TF3
4
3
EUART
0023H
ES
RI+TI
5
4
Timer2
002BH
ET2
TF2+EXF2
6
5
ADC
0033H
EADC
ADCIF
7
6
SPI
003BH
ESPI
SPIF
8
7
INT2
0043H
EX2
IE2
9
8
INT3
004BH
EX3
IE3
10
9
INT4
0053H
EX4+IENC
IF45-40
11
10
USB (for 6489)
005BH
EUSB
Refers to the USB
12(6489)
11
PWM
0063H
EPWM+PWM0/1/2IE
PWM0/1/2IF
12(6488)/13(6489)
12
BaseTimer
006BH
EBT
BTIF
13(6488)/14(6489)
13
SCM
0073H
ESCM
SCMIF
14(6488)/15(6489)
(Lowest)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com