Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 98 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 98 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 152 page
background image
SH79F6488/SH79F6489
98
8.5.3 Baud Rate Generate
The baud rate generator is an 15-bit up-counting timer
15-bit timer
`
To EUART
Overflow
Fsys
From 7FFFH to 0000H
SBRTH[14:8],SBRTL7:0]
Baudrate Generator for EUART
SBRTEN=1
SBRT
32768
Fsys
owrate
SBRToverfl
−
=
,
SBRTL]
[SBRTH,
SBRT
=
In Mode0, the baud rate is programmable to either 1/12 or 1/4 of the system frequency. This baud rate is determined by SM2 bit.
When set to 0, the serial port runs at 1/12 of the system clock. When set to 1, the serial port runs at 1/4 of the system clock.
In Mode1 & Mode3, the baud rate can be fine adjusted.
The Mode1 & 3 baud rate equations are shown below,
(
) BFINE
SBRT
-
32768
16
Fsys
BaudRate
+
×
=
For example: Fsys = 8MHz, to get 115200Hz baud rate, computing method of SBRT and SFINE as shown below:
8000000/16/115200 = 4.34
SBRT = 32768 - 4 = 32764
115200 = 8000000/(16 X 4 + BFINE)
BFINE = 5.4 ≈ 5
This fine tuning method to calculate the actual baud rate is 115942Hz and the error is 0.64%, but the error is 8.5% In the past
computing method.
In Mode2, the baud rate is programmable to either 1/32 or 1/64 of the system clock. This baud rate is determined by the SMOD
bit (PCON.7). When this bit is set to 0, the serial port runs at 1/64 of the clock. When set to 1, the serial port runs at 1/32 of the
clock.
)
64
f
(
2
BaudRate
SYS
SMOD
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com