Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 34 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 34 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
SH79F6488/SH79F6489
34
7.5 System Clock and Oscillator
7.5.1 Features
 Four oscillator types: 32.768kHz crystal, crystal oscillator, ceramic oscillator, 12MHz internal RC and PLL
 Built-in 12MHz Internal RC
 Built-in 32.768kHz speed up circuit
 Built-in system clock prescaler
7.5.2 Clock Definition
The SH79F6488/SH79F6489 have several internal clocks defined as below:
32KCRYCLK: the oscillator clock from XTAL 32.768kHz crystal oscillator. f32KCRY is defined as the 32KCRYCLK frequency.
t32KCRY is defined as the 32KCRYCLK period.
CRYCLK: the oscillator clock from XTAL or XTALX 400k-16MHz crystal oscillator, ceramic oscillato. fCRY is defined as the
CRYCLK frequency. tCRY is defined as the CRYCLK period.
HRCCLK: the oscillator clock from internal 12MHz RC. fHRC is defined as the HRCCLK frequency. tHRC is defined as the
HRCCLK period.
PLLCLK: the oscillator clock from PLL. fPLL is defined as the PLLCLK frequency. tPLL is defined as the PLLCLK period.
SCMCLK: the oscillator clock from internal 32kHz monitor RC. fSCM is defined as the SCMCLK frequency. tSCM is defined as the
SCMCLK period.
WDTCLK: the internal WDT RC clock. fWDT is defined as the WDTCLK frequency. tWDT is defined as the WDTCLK period.
OSC1CLK: the oscillator clock from one of the four oscillator types. fOSC is defined as the OSCCLK frequency. tOSC is defined as
the OSCCLK period.
OSC2CLK: the oscillator clock from one of the four oscillator types. fOSC2 is defined as the OSC2CLK frequency. tOSC2 is defined
as the OSC2CLK period.
Note:
(1) when code option OP_OSC = 0000, OSC1CLK is internal 12MHz RC,OSC2CLK is PLL (Refer to code option section for
details)
(2) when code option OP_OSC = 1010, OSC1CLK is 32.768kHz crystal oscillator, OSC2CLK is internal 12MHz RC (Refer to
code option section for details)
(3) when code option OP_OSC = 1010, OSC1CLK is 32.768kHz crystal oscillator, OSC2CLK is 400kHz-16Mhz crystal/ceramic
oscillator or PLL (Refer to code option section for details)
OSCSCLK: the input of system clock prescaler. It can be OSC1CLK or OSC2CLK. fOSCS is defined as the OSCSCLK
frequency. tOSCS is defined as the OSCSCLK period.
SYSCLK: system clock, the output of system clock prescaler. It is the CPU instruction clock. fSYS is defined as the SYSCLK
frequency. tSYS is defined as the SYSCLK period.
32.768k
crystal
12MHz
RC
48MHz
PLL
WDT RC
m
u
x
m
u
x
/1
/2
/4
/12
cpu
peripheral
device
SYSCLK
OSCSCLK
OSC1CLK
OSC2CLK
32KCRYCLK
PLLCLK
HRCCLK
CRYCLK
WDT
WDTCLK
OP_OSC[3:0]
FS,OSC2ON
CLKS[1:0]
SCMIF
SCMCLK
XTAL1
XTAL2
XTALX1
XTALX2
crystal
ceramic
SCMRC
PLLFS
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com