Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 37 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 37 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
SH79F6488/SH79F6489
37
7.5.5 System Clock Select
1. If code option OP_OSC is 0000, Below for two clocks to be selected.
OSC1: internal 12MHzRC
OSC2: 48MHz PLLCLK 1/2 prescaler
OSC1:
12MHz RC
OSC2:
PLL CLK : 24M
1
2
① When OSCSCLK changed from OSC1 to PLL, the steps below must be done in sequence:
a. Set OSC2ON = 1
b. Set PLLON = 1 to turn on the 48MHz PLL
c. Wait at least 2ms
d. Set PLLFS=1 to select PLL as OSC2CLK
e.Set FS = 1 to select PLL as OSCSCLK
②When OSCSCLK changed from PLL to OSC1, the steps below must be done in sequence:
a. Set FS = 0 to select 12MHz RC as OSCSCLK
b. Set PLLON = 0 to turn off PLL, reduce the power consumption of the system
2. If code option OP_OSC is 1010 or 1101, Below for three clocks to be selected.
OSC1:32.768kHz oscillator from XTAL
OSC2: high frequncy oscillator from XTALX or internal 12MHzRC
PLLCLK:48MHz PLLCLK 1/2 prescaler
OSC1:
32.768kHz Crystal
OSC2:
12MHz RC or
400kHz~16MHz Crystal
PLL CLK :
24M
1
2
4
3
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com