Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 47 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 47 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 152 page
background image
SH79F6488/SH79F6489
47
PORT4:
- TDO/SEG33 (P4.0): Test data out/LCD SEG33
- TMS/SEG34 (P4.1): Test mode select/LCD SEG34
- TDI/SEG35 (P4.2): Test data in/LCD SEG35
- TCK/SEG36 (P4.3): Test clock in/LCD SEG36
- PWM0/INT40 (P4.4): PWM0 output/interrupt 40 input pin
- PWM1/INT41 (P4.5): PWM1 output/interrupt 41 input pin
- PWM2/INT42 (P4.6): PWM2 output/interrupt 42 input pin
- RESET
———————
/T4 (P4.7): Reset pin/Timer4 external output or input
Table 7.28 PORT4 Share Table
Pin No.
Priority Function
Enable bit
PAD
LQFP64 LQFP80
4
4
4
1
TDO
Debug interface
2
SEG33
Set P4S0 in PXSS register
3
P4.0
Above condition is not met
5
5
5
1
TMS
Debug interface
2
SEG34
Set P4S1 in PXSS register
3
P4.1
Above condition is not met
6
6
6
1
TDI
Debug interface
2
SEG35
Set P4S2 in PXSS register
3
P4.2
Above condition is not met
7
7
7
1
TCK
Debug interface
2
SEG36
Set P4S3 in PXSS register
3
P4.3
Above condition is not met
8
8
8
1
PWM0
Set PWM0SS in PWM0CON register
2
INT40
Set EX40 bit in IENC Register and Port4.4 is in input mode
3
P4.4
Above condition is not met
9
9
9
1
PWM1
Set PWM1SS bit in PWM1CON register
2
INT41
Set EX41 bit in IENC Register and Port4.5 is in input mode
3
P4.5
Above condition is not met
10
10
10
1
PWM2
Set PWM2SS bit in PWM2CON register
2
INT42
Set EX42 bit in IENC Register and Port4.6 is in input mode
3
P4.6
Above condition is not met
11
11
11
1
RESET
———————
Code option:OP_RST = 0
2
T4
When Code option:OP_RST = 1:
Timer4 mode 0, TR4 = 1, T4CLKS = 1 (Auto pull high)
Timer4 mode 0, TR4 = 1, T4CLKS = 0, TC4 = 1
Timer4 mode 1, TR4 = 1 (Auto pull high)
3
P4.7
Code option: OP_RST = 1, above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com