Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6488P/080PR Datasheet(PDF) 62 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 62 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 152 page
background image
SH79F6488/SH79F6489
62
7.9 Base Timer
7.9.1 Features
Clock source is oscillator (32.768kHz) clock
Can generate 0.5s, 1s, 1s or 1min interrupt depending on the setting of the register
SH79F6488/SH79F6489 provided an internal base timer which clock source is oscillator clock. It will work when both BTEN bit
being set and oscillator not stopping. And it can generate a BT interrupt every overflow if the EBT bit in the IEN1 register is set.
The overflow time is precise 0.5s, 1s, 6s or 1min depending on the setting of the BTS [1:0] bits in BTCON register.
Note:
(1) When code option is 1010 or 1101, timer source is 32.768kHz oscillator, the base timer can generate an exact 0.5s, 1s, 1min
or 1hour interrupt.
(2) When code option is 0000, timer source is internal 12MHz RC, the base timer can generate an approximate 0.5s, 1s, 1min
or 1hour interrupt.
7.9.2 Registers
Table 7.40 Base Timer Control Register
C1H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
BTCON
BTEN
BTIF
BTS1
BTS0
-
-
-
-
R/W
R/W
R/W
R/W
R/W
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
-
-
-
-
Bit Number
Bit Mnemonic
Description
7
BTEN
Base Timer Control Bit
0: Disable Base Timer
1: Enable Base Timer, the counter begins from ‘0’ after setting BTEN bit
6
BTIF
Base Timer overflow flag bit
0: no overflow happened
1: overflow happened
5, 4
BTS[1:0]
Base Timer period select
00: Base Timer overflow every 0.5s
01: Base Timer overflow every 1s
10: Base Timer overflow every 1 min
11: Base Timer overflow every 60mins
Table 7.41 Second and Half-second Register
C2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SEC
HSEC
SEC6
SEC5
SEC4
SEC3
SEC2
SEC1
SEC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
HSEC
This bit is a half second flag and it will overturn between 0 and 1 every half second.
6-0
SEC[6:0]
This register (bit0-bit6) contains the current value (BCD) of the second counter. This
register (bit0-bit6) can be read at any time without affecting the counter count.
Writing to this register (bit0-bit6) loads the value to the second counter and the
counter continues to count from this new value. The second counter rolls over to 0
after reaching 59.
Writing a value other than 0 to 59 to this register has no effect.
Be sure not to write a data such as ‘0x, 1x, 2x, 3x, 4x (x = A-F)’ to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com